データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN1027AMX データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FIN1027AMX
部品情報  3.3V LVDS 2-Bit High Speed Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1027AMX データシート(HTML) 1 Page - Fairchild Semiconductor

  FIN1027AMX Datasheet HTML 1Page - Fairchild Semiconductor FIN1027AMX Datasheet HTML 2Page - Fairchild Semiconductor FIN1027AMX Datasheet HTML 3Page - Fairchild Semiconductor FIN1027AMX Datasheet HTML 4Page - Fairchild Semiconductor FIN1027AMX Datasheet HTML 5Page - Fairchild Semiconductor FIN1027AMX Datasheet HTML 6Page - Fairchild Semiconductor FIN1027AMX Datasheet HTML 7Page - Fairchild Semiconductor FIN1027AMX Datasheet HTML 8Page - Fairchild Semiconductor FIN1027AMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500501
www.fairchildsemi.com
April 2001
Revised June 2003
FIN1027 • FIN1027A
3.3V LVDS 2-Bit High Speed Differential Driver
General Description
This dual driver is designed for high speed interconnects
utilizing Low Voltage Differential Signaling (LVDS) technol-
ogy. The driver translates LVTTL signal levels to LVDS lev-
els with a typical differential output swing of 350 mV which
provides low EMI at ultra low power dissipation even at
high frequencies. This device is ideal for high speed trans-
fer of clock or data.
The FIN1027 or FIN1027A can be paired with its compan-
ion receiver, the FIN1028, or with any other LVDS receiver.
Features
s Greater than 600Mbs data rate
s 3.3V power supply operation
s 0.5ns maximum differential pulse skew
s 1.5ns maximum propagation delay
s Low power dissipation
s Power-Off protection
s Meets or exceeds the TIA/EIA-644 LVDS standard
s Flow-through pinout simplifies PCB layout
s 8-Lead SOIC, US8, and 8-terminal MLP
packages save space
Ordering Code:
Order Number
Package Number
Package Description
FIN1027M
M08A
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
[TUBE]
FIN1027MX
M08A
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
[TAPE and REEL]
FIN1027K8X
MAB08A
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide
[TAPE and REEL]
FIN1027MPX
(Preliminary)
MLP08C
8-Terminal Molded Leadless Package (MLP) Dual, JEDEC MO-229, 2mm Square
[TAPE and REEL]
FIN1027AM
M08A
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
[TUBE]
FIN1027AMX
M08A
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
[TAPE and REEL]


同様の部品番号 - FIN1027AMX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN1027AMX FAIRCHILD-FIN1027AMX Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
More results

同様の説明 - FIN1027AMX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001_04 Datasheet
616Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com