データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD676JN データシート(PDF) 2 Page - Analog Devices

部品番号 AD676JN
部品情報  16-Bit 100 kSPS Sampling ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD676JN データシート(HTML) 2 Page - Analog Devices

  AD676JN Datasheet HTML 1Page - Analog Devices AD676JN Datasheet HTML 2Page - Analog Devices AD676JN Datasheet HTML 3Page - Analog Devices AD676JN Datasheet HTML 4Page - Analog Devices AD676JN Datasheet HTML 5Page - Analog Devices AD676JN Datasheet HTML 6Page - Analog Devices AD676JN Datasheet HTML 7Page - Analog Devices AD676JN Datasheet HTML 8Page - Analog Devices AD676JN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD676–SPECIFICATIONS
AC SPECIFICATIONS
AD676J/A
AD676K/B
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Total Harmonic Distortion (THD)
2
@ 83 kSPS, TMIN to TMAX
–96
–88
–97
–90
dB
0.0016
0.004
0.0014
0.003
%
@ 100 kSPS, +25
°C
–96
–97
dB
0.0016
0.0014
%
@ 100 kSPS, TMIN to TMAX
–92
–92
dB
0.0025
0.0025
%
Signal-to-Noise and Distortion Ratio (S/(N+D))
2, 3
@ 83 kSPS, TMIN to TMAX
85
89
87
90
dB
@ 100 kSPS, +25
°C89
90
dB
@ 100 kSPS, TMIN to TMAX
86
86
dB
Peak Spurious or Peak Harmonic Component
–98
–98
dB
Intermodulation Distortion (IMD)
4
2nd Order Products
–102
–102
dB
3rd Order Products
–98
–98
dB
Full Power Bandwidth
1
1
MHz
Noise
160
160
µV rms
DIGITAL SPECIFICATIONS
Parameter
Test Conditions
Min
Typ
Max
Units
LOGIC INPUTS
VIH
High Level Input Voltage
2.4
VDD + 0.3
V
VIL
Low Level Input Voltage
–0.3
0.8
V
IIH
High Level Input Current
VIH = VDD
–10
+10
µA
IIL
Low Level Input Current
VIL = 0 V
–10
+10
µA
CIN
Input Capacitance
10
pF
LOGIC OUTPUTS
VOH
High Level Output Voltage
IOH = 0.1 mA
VDD –1 V
V
IOH = 0.5 mA
2.4
V
VOL
Low Level Output Voltage
IOL = 1.6 mA
0.4
V
NOTES
1V
REF = 10.0 V, (Conversion Rate (fs) = 83 kSPS, f IN = 1.0 kHz, VIN = –0.05 dB, Bandwidth = fs/2 unless otherwise indicated. All measurements referred to a 0 dB
(20 V p-p) input signal. Values are post-calibration.
2For other input amplitudes, refer to Figure 13.
3For other input ranges/voltages reference values see Figure 12.
4fa = 1008 Hz. fb = 1055 Hz. See Definition of Specifications section and Figure 15.
Specifications subject to change without notice.
(TMIN to TMAX, VCC = +12 V
5%, VEE = –12 V
5%, VDD = +5 V
10%)
1
(for all grades TMIN to TMAX, VCC = +12 V
5%, VEE = –12 V
5%, VDD = +5 V
10%)
REV. A
–2–


同様の部品番号 - AD676JN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD676JD AD-AD676JD Datasheet
388Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676JD AD-AD676JD Datasheet
421Kb / 17P
   16-Bit 100 kSPS Sampling ADC
More results

同様の説明 - AD676JN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD1876 AD-AD1876 Datasheet
190Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_15 Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_17 Datasheet
421Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD676 AD-AD676 Datasheet
388Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677 Datasheet
427Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_17 Datasheet
461Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD676KN AD-AD676KN Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
   100 kSps, 16-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com