データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN1108MTD データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FIN1108MTD
部品情報  LVDS 8 Port High Speed Repeater
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1108MTD データシート(HTML) 3 Page - Fairchild Semiconductor

  FIN1108MTD Datasheet HTML 1Page - Fairchild Semiconductor FIN1108MTD Datasheet HTML 2Page - Fairchild Semiconductor FIN1108MTD Datasheet HTML 3Page - Fairchild Semiconductor FIN1108MTD Datasheet HTML 4Page - Fairchild Semiconductor FIN1108MTD Datasheet HTML 5Page - Fairchild Semiconductor FIN1108MTD Datasheet HTML 6Page - Fairchild Semiconductor FIN1108MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Applications
Signal Optimization via Internal Termination
For LVDS signaling in point-to-point applications, receivers
or repeaters with on-chip termination are preferable to
reduce the overshoot or undershoot due to the reflection
caused by stubs at receiver inputs. As a rule of thumb, usu-
ally the termination resistor for an LVDS receiver should be
placed as close as possible to the receiver, especially for
high speed applications. If the distance between termina-
tion resistors and receivers is too long, the interconnection
will be seen as an un-terminated stub which can produce
reflections resulting in higher EMI. Internal termination can
effectively smooth out this ringing which can otherwise
jeopardize the receiver noise margin. This is important for
reliable high-speed operation with tighter required signal
settling times. Below is a list of the advantages/disadvan-
tages of internal termination.
Internal termination is not suitable for all applications. In
order to set a proper VOD at the driver outputs, receivers
with on-chip termination resistors only work for point-to-
point applications since multi-drop applications would
require termination resistor for each receiver, reducing the
equivalent termination to RT/n. This would reduce the driver
output swing by n.
Advantages:
Disadvantages:
1. Reduced device count resulting in reduced board space
and production cost.
1. Without special process treatment, on-chip termination can
experience greater temperature variation. This is usually
tolerable for low speed applications that have a sufficient
unit interval.
2. Reduced reflections caused by the stub length on the
receiver inputs, improving the signal integrity.
2. For applications with high common-mode noise, a center
tapped capacitor at the receiver side is desirable to filter
out the common-mode voltage noise of the input LVDS sig-
nal. This scheme works for an external termination scheme
with two (50
Ω each for nominal 100Ω termination resistor)
half-value termination resistors connected in series and
center tapped to a capacitor to Ground. To implement this
scheme using internal termination resistors, a center tap
pin would have to be used. This would increase the pack-
age size of the part.


同様の部品番号 - FIN1108MTD

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN1108MTD FAIRCHILD-FIN1108MTD Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
logo
ON Semiconductor
FIN1108MTD ONSEMI-FIN1108MTD Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FIN1108MTDX FAIRCHILD-FIN1108MTDX Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
logo
ON Semiconductor
FIN1108MTDX ONSEMI-FIN1108MTDX Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
More results

同様の説明 - FIN1108MTD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
logo
Texas Instruments
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
logo
Powertip Technology
FIN1104 POWERTIP-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
logo
Fairchild Semiconductor
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
   LVDS Single Port High Speed Repeater
FIN1102 FAIRCHILD-FIN1102 Datasheet
320Kb / 5P
   LVDS 2 Port High Speed Repeater
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
logo
Texas Instruments
SN65LVDS108 TI-SN65LVDS108 Datasheet
223Kb / 16P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
Fairchild Semiconductor
FIN1104 FAIRCHILD-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com