データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9280ARSZ データシート(PDF) 8 Page - Analog Devices

部品番号 AD9280ARSZ
部品情報  Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9280ARSZ データシート(HTML) 8 Page - Analog Devices

Back Button AD9280ARSZ Datasheet HTML 4Page - Analog Devices AD9280ARSZ Datasheet HTML 5Page - Analog Devices AD9280ARSZ Datasheet HTML 6Page - Analog Devices AD9280ARSZ Datasheet HTML 7Page - Analog Devices AD9280ARSZ Datasheet HTML 8Page - Analog Devices AD9280ARSZ Datasheet HTML 9Page - Analog Devices AD9280ARSZ Datasheet HTML 10Page - Analog Devices AD9280ARSZ Datasheet HTML 11Page - Analog Devices AD9280ARSZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD9280
–8–
Table I. Mode Selection
Input
Input
MODE
REFSENSE
Modes
Connect
Span
Pin
Pin
REF
REFTS
REFBS
Figure
TOP/BOTTOM
AIN
1 V
AVDD
Short REFSENSE, REFTS and VREF Together
AGND
18
AIN
2 V
AVDD
AGND
Short REFTS and VREF Together
AGND
19
CENTER SPAN
AIN
1 V
AVDD/2
Short VREF and REFSENSE Together
AVDD/2
AVDD/2
20
AIN
2 V
AVDD/2
AGND
No Connect
AVDD/2
AVDD/2
Differential
AIN Is Input 1
1 V
AVDD/2
Short VREF and REFSENSE Together
AVDD/2
AVDD/2
29
REFTS and
REFBS Are
Shorted Together
for Input 2
2 V
AVDD/2
AGND
No Connect
AVDD/2
AVDD/2
External Ref
AIN
2 V max AVDD
AVDD
No Connect
Span = REFTS
21, 22
– REFBS (2 V max)
AGND
Short to
Short to
23
VREFTF
VREFBF
AD876-8
AIN
2 V
Float or
AVDD
No Connect
Short to
Short to
30
AVSS
VREFTF
VREFBF
0
–9
1.0E+6
1.0E+9
1.0E+7
1.0E+8
–3
–6
FREQUENCY – Hz
–12
–15
–18
–21
–24
Figure 13. Full Power Bandwidth
50
40
–50
0
3.0
1.0
2.0
30
20
–10
–20
–30
INPUT VOLTAGE – V
10
0
–40
2.5
0.5
1.5
REFBS = 0.5V
REFTS = 2.5V
CLOCK = 32MHz
Figure 14. Input Bias Current vs. Input Voltage
APPLYING THE AD9280
THEORY OF OPERATION
The AD9280 implements a pipelined multistage architecture to
achieve high sample rate with low power. The AD9280 distrib-
utes the conversion over several smaller A/D subblocks, refining
the conversion with progressively higher accuracy as it passes
the results from stage to stage. As a consequence of the distrib-
uted conversion, the AD9280 requires a small fraction of the
256 comparators used in a traditional flash type A/D. A sample-
and-hold function within each of the stages permits the first
stage to operate on a new input sample while the second, third
and fourth stages operate on the three preceding samples.
OPERATIONAL MODES
The AD9280 is designed to allow optimal performance in a
wide variety of imaging, communications and instrumentation
applications, including pin compatibility with the AD876-8 A/D.
To realize this flexibility, internal switches on the AD9280 are
used to reconfigure the circuit into different modes. These modes
are selected by appropriate pin strapping. There are three parts
of the circuit affected by this modality: the voltage reference, the
reference buffer, and the analog input. The nature of the appli-
cation will determine which mode is appropriate: the descrip-
tions in the following sections, as well as Table I should assist in
selecting the desired mode.
REV. E


同様の部品番号 - AD9280ARSZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9280ARSZ AD-AD9280ARSZ Datasheet
438Kb / 25P
   CMOS A/D Converter
AD9280ARSZRL AD-AD9280ARSZRL Datasheet
438Kb / 25P
   CMOS A/D Converter
More results

同様の説明 - AD9280ARSZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9280 AD-AD9280 Datasheet
366Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. D
AD9280 AD-AD9280_15 Datasheet
365Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200 Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
Texas Instruments
ADC1175-50 TI1-ADC1175-50 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
   8-Bit, 42 MSPS, 40 mW A/D Converter
ADC08351 NSC-ADC08351_03 Datasheet
519Kb / 17P
   8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
[Old version datasheet]   8-Bit, 42 MSPS, 40 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com