データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADRF6755ACPZ データシート(PDF) 5 Page - Analog Devices

部品番号 ADRF6755ACPZ
部品情報  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ データシート(HTML) 5 Page - Analog Devices

  ADRF6755ACPZ Datasheet HTML 1Page - Analog Devices ADRF6755ACPZ Datasheet HTML 2Page - Analog Devices ADRF6755ACPZ Datasheet HTML 3Page - Analog Devices ADRF6755ACPZ Datasheet HTML 4Page - Analog Devices ADRF6755ACPZ Datasheet HTML 5Page - Analog Devices ADRF6755ACPZ Datasheet HTML 6Page - Analog Devices ADRF6755ACPZ Datasheet HTML 7Page - Analog Devices ADRF6755ACPZ Datasheet HTML 8Page - Analog Devices ADRF6755ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Data Sheet
ADRF6755
Rev. B | Page 5 of 48
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Noise Floor
I/Q inputs = 0 V p-p differential, attenuator setting = 0 dB
−161
dBm/Hz
Attenuator setting = 0 dB to 21 dB, carrier offset = 10 MHz
−150
dBc/Hz
Attenuator setting = 21 dB to 47 dB, carrier offset = 10 MHz
−170
dBm/Hz
Baseband Harmonics
−58
dBc
Synthesizer Spurs
Integer boundary < loop bandwidth
−60
dBc
>10 MHz offset from carrier
−75
dBc
Phase Noise
100 Hz offset
−89
dBc/Hz
1 kHz offset
−99
dBc/Hz
10 kHz offset
−103
dBc/Hz
100 kHz offset
−108
dBc/Hz
1 MHz offset
−133
dBc/Hz
10 MHz offset
−152
dBc/Hz
Integrated Phase Noise
1 kHz to 8 MHz integration bandwidth
0.17
° rms
RF OUTPUT = 1875 MHz
RFOUT pin
Nominal Output Power
VIQ = 0.9 V p-p differential
−0.6
dBm
Gain Flatness
Any 40 MHz
±0.5
dB
Output P1dB
7.8
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = −6 dBm per tone
20.2
dBm
Output Return Loss
Attenuator setting = 0 dB
−13
dB
LO Carrier Feedthrough1
Attenuator setting = 0 dB to 47 dB
−45
dBc
2× LO Carrier Feedthrough
Attenuator setting = 0 dB to 47 dB
−52
dBm
Sideband Suppression
−50
dBc
Noise Floor
I/Q inputs = 0 V p-p differential, attenuator setting = 0 dB
−160
dBm/Hz
Attenuator setting = 0 dB to 21 dB, carrier offset = 10 MHz
−150
dBc/Hz
Attenuator setting = 21 dB to 47 dB, carrier offset = 10 MHz
−170
dBm/Hz
Baseband Harmonics
−60
dBc
Synthesizer Spurs
Integer boundary < loop bandwidth
−60
dBc
>10 MHz offset from carrier
−73
dBc
Phase Noise
100 Hz offset
−89
dBc/Hz
1 kHz offset
−97
dBc/Hz
10 kHz offset
−103
dBc/Hz
100 kHz offset
−108
dBc/Hz
1 MHz offset
−133
dBc/Hz
10 MHz offset
−152
dBc/Hz
Integrated Phase Noise
1 kHz to 8 MHz integration bandwidth
0.18
° rms
RF OUTPUT = 2100 MHz
RFOUT pin
Nominal Output Power
VIQ = 0.9 V p-p differential
−1.0
dBm
Gain Flatness
Any 40 MHz
±0.5
dB
Output P1dB
7.4
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = −6 dBm per tone
19.5
dBm
Output Return Loss
Attenuator setting = 0 dB
−12
dB
LO Carrier Feedthrough1
Attenuator setting = 0 dB to 47 dB
−44
dBc
2× LO Carrier Feedthrough
Attenuator setting = 0 dB to 47 dB
−51
dBm
Sideband Suppression
−45
dBc
Noise Floor
I/Q inputs = 0 V p-p differential, attenuator setting = 0 dB
−161
dBm/Hz
Attenuator setting = 0 dB to 21 dB, carrier offset = 10 MHz
−149
dBc/Hz
Attenuator setting = 21 dB to 47 dB, carrier offset = 10 MHz
−170
dBm/Hz
Baseband Harmonics
−60
dBc
Synthesizer Spurs
Integer boundary < loop bandwidth
−60
dBc
>10 MHz offset from carrier
−67
dBc


同様の部品番号 - ADRF6755ACPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADRF6755ACPZ AD-ADRF6755ACPZ Datasheet
2Mb / 48P
   100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
ADRF6755ACPZ-R7 AD-ADRF6755ACPZ-R7 Datasheet
2Mb / 48P
   100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
More results

同様の説明 - ADRF6755ACPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADRF6755 AD-ADRF6755 Datasheet
2Mb / 48P
   100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
   1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6603 AD-ADRF6603 Datasheet
504Kb / 24P
   2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
   450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
logo
Hittite Microwave Corpo...
HMC830LP6GE_1110 HITTITE-HMC830LP6GE_1110 Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
HMC830LP6GE HITTITE-HMC830LP6GE Datasheet
2Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
logo
Analog Devices
ADRF6806ACPZ-R7 AD-ADRF6806ACPZ-R7 Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com