データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADRF6806-EVALZ データシート(PDF) 4 Page - Analog Devices

部品番号 ADRF6806-EVALZ
部品情報  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADRF6806-EVALZ データシート(HTML) 4 Page - Analog Devices

  ADRF6806-EVALZ Datasheet HTML 1Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 2Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 3Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 4Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 5Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 6Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 7Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 8Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADRF6806
Data Sheet
Rev. B | Page 4 of 36
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPURS
fLO = 140 MHz, fREF = 26 MHz, fPFD = 26 MHz, measured at BB
outputs with fBB = 50 MHz
Reference Spurs
fREF = 26 MHz, fPFD = 26 MHz
−95
dBc
fREF/2
−106
dBc
fREF × 2
−100
dBc
fREF × 3
−105
dBc
PHASE NOISE—USING 67 kHz LOOP
FILTER
fLO = 140 MHz, fREF = 26 MHz, fPFD = 26 MHz, measured at BB
outputs with fBB = 50 MHz
@ 1 kHz offset
−117
dBc/Hz
@ 10 kHz offset
−124
dBc/Hz
@ 100 kHz offset
−127
dBc/Hz
@ 500 kHz offset
−146
dBc/Hz
@ 1 MHz offset
−149
dBc/Hz
@ 5 MHz offset
−151
dBc/Hz
@ 10 MHz offset
−153
dBc/Hz
Integrated Phase Noise
1 kHz to 10 MHz integration bandwidth
0.03
°rms
PHASE NOISE—USING 2.5 kHz LOOP
FILTER
fLO = 900 MHz, fREF = 26 MHz, fPFD = 26 MHz, measured at BB
outputs with fBB = 50 MHz
@ 1 kHz offset
−95
dBc/Hz
@ 10 kHz offset
−110
dBc/Hz
@ 100 kHz offset
−136
dBc/Hz
@ 500 kHz offset
−149
dBc/Hz
@ 1 MHz offset
−149.5
dBc/Hz
@ 5 MHz offset
−151
dBc/Hz
@ 10 MHz offset
−153
dBc/Hz
PLL FIGURE OF MERIT (FOM)
Measured with fREF = 26 MHz, fPFD = 26 MHz
−215.4
dBc/Hz/Hz
Measured with fREF = 104 MHz, fPFD = 26 MHz
−220.9
dBc/Hz/Hz
Phase Detector Frequency
20
26
40
MHz
REFERENCE CHARACTERISTICS
REFIN, MUXOUT pins
REFIN Input Frequency
Usable range
9
160
MHz
REFIN Input Capacitance
4
pF
MUXOUT Output Level
VOL (lock detect output selected)
0.25
V
VOH (lock detect output selected)
2.7
V
REFOUT Duty Cycle
50
%
CHARGE PUMP
Pump Current
500
μA
Output Compliance Range
1
2.8
V
LOGIC INPUTS
CLK, DATA, LE pins
Input High Voltage, VINH
1.4
3.3
V
Input Low Voltage, VINL
0
0.7
V
Input Current, IINH/IINL
0.1
μA
Input Capacitance, CIN
5
pF
POWER SUPPLIES
VCC1, VCC2, VCCLO, VCCBB, VCCRF pins
Voltage Range (3.3 V)
VCC1, VCC2, VCCLO
3.135
3.3
3.465
V
Voltage Range (5 V)
VCCBB, VCCRF
4.75
5
5.25
V
Supply Current (3.3 V) (LPEN = 0)
Normal Rx mode
209
mA
Rx mode with LO buffer enabled
270
mA
Supply Current (5 V) (LPEN = 0)
Normal Rx mode
86
mA
Rx mode with LO buffer enabled
86
mA
Supply Current (3.3 V) (LPEN = 1)
Normal Rx mode
205
mA
Rx mode with LO buffer enabled
258
mA


同様の部品番号 - ADRF6806-EVALZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADRF6806-EVALZ AD-ADRF6806-EVALZ Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
More results

同様の説明 - ADRF6806-EVALZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADRF6806 AD-ADRF6806 Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
ADRF6801 AD-ADRF6801 Datasheet
1Mb / 36P
   750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. 0
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
ADMV4540 AD-ADMV4540 Datasheet
4Mb / 54P
   K Band Quadrature Demodulator with Integrated Fractional-N PLL and VCO
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
   1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com