データシートサーチシステム |
|
2SJ377Q データシート(PDF) 2 Page - Toshiba Semiconductor |
|
2SJ377Q データシート(HTML) 2 Page - Toshiba Semiconductor |
2 / 6 page 2SJ377 2010-02-05 2 Electrical Characteristics (Ta = 25°C) Characteristic Symbol Test Condition Min Typ. Max Unit Gate leakage current IGSS VGS = ±16 V, VDS = 0 V — — ±10 μA Drain cutoff current IDSS VDS = −60 V, VGS = 0 V — — −100 μA Drain-source breakdown voltage V (BR) DSS ID = −10 mA, VGS = 0 V −60 — — V Gate threshold voltage Vth VDS = −10 V, ID = −1 mA −0.8 — −2.0 V VGS = −4 V, ID = −2.5 A — 0.24 0.28 Drain-source ON-resistance RDS (ON) VGS = −10 V, ID = −2.5 A — 0.16 0.19 Ω Forward transfer admittance |Yfs| VDS = −10 V, ID = −2.5 A 2.0 4.0 — S Input capacitance Ciss — 630 — Reverse transfer capacitance Crss — 95 — Output capacitance Coss VDS = −10 V, VGS = 0 V, f = 1 MHz — 290 — pF Rise time tr — 25 — Turn-on time ton — 45 — Fall time tf — 55 — Switching time Turn-off time toff — 200 — ns Total gate charge (Gate-source plus gate-drain) Qg — 22 — Gate-source charge Qgs — 16 — Gate-drain (“Miller”) charge Qgd VDD ≈ −48 V, VGS = −10 V, ID = −5 A — 6 — nC Source-Drain Ratings and Characteristics (Ta = 25°C) Characteristic Symbol Test Condition Min Typ. Max Unit Continuous drain reverse current (Note 1) IDR — — — −5 A Pulse drain reverse current (Note 1) IDRP — — — −20 A Forward voltage (diode) VDSF IDR = −5 A, VGS = 0 V — — 1.7 V Reverse recovery time trr — 80 — ns Reverse recovery charge Qrr IDR = −5 A, VGS = 0 V dlDR / dt = 50 A / μS — 0.1 — μC Marking J377 Lot No. Note 4 Part No. Note 4 : A line under a Lot No. identifies the indication of product Labels [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]] Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. The RoHS is Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. |
同様の部品番号 - 2SJ377Q |
|
同様の説明 - 2SJ377Q |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |