データシートサーチシステム |
|
74AHCT1G32DCKTG4 データシート(PDF) 2 Page - Texas Instruments |
|
74AHCT1G32DCKTG4 データシート(HTML) 2 Page - Texas Instruments |
2 / 15 page SN74AHCT1G32 SINGLE 2INPUT POSITIVEOR GATE SCLS320N − MARCH 1996 − REVISED JUNE 2005 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO (see Note 1) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) −20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 or VO > VCC) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ±25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): DBV package 206 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DCK package 252 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DRL package 142 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions (see Note 3) MIN MAX UNIT VCC Supply voltage 4.5 5.5 V VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V VI Input voltage 0 5.5 V VO Output voltage 0 VCC V IOH High-level output current −8 mA IOL Low-level output current 8 mA ∆t/∆v Input transition rise or fall rate 20 ns/V TA Operating free-air temperature −40 85 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C MIN MAX UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX UNIT VOH IOH = −50 mA 4.5 V 4.4 4.5 4.4 V VOH IOH = −8 mA 4.5 V 3.94 3.8 V VOL IOL = 50 mA 4.5 V 0.1 0.1 V VOL IOL = 8 mA 4.5 V 0.36 0.44 V II VI = 5.5 V or GND 0 V to 5.5 V ±0.1 ±1 µA ICC VI = VCC or GND, IO = 0 5.5 V 1 10 µA ∆ICC‡ One input at 3.4 V, Other inputs at VCC or GND 5.5 V 1.35 1.5 mA Ci VI = VCC or GND 5 V 2 10 10 pF ‡ This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC. |
同様の部品番号 - 74AHCT1G32DCKTG4 |
|
同様の説明 - 74AHCT1G32DCKTG4 |