データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5-1393243-9 データシート(PDF) 3 Page - Tyco Electronics

部品番号 5-1393243-9
部品情報  General Purpose Relays PCB Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1393243-9 データシート(HTML) 3 Page - Tyco Electronics

  5-1393243-9 Datasheet HTML 1Page - Tyco Electronics 5-1393243-9 Datasheet HTML 2Page - Tyco Electronics 5-1393243-9 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
General Purpose Relays
PCB Relays
Power PCB Relay RT2 (Continued)
Product code
Version
Contacts
Contact material
Coil
Part number
RT424005F
8A,
2 form C (CO)
AgNi 90/10
5VDC
1-1419108-6
RT424012F
pinning 5mm,
contacts
12VDC
2-1393237-8
RT424024F
flux proof
24VDC
1-1419108-7
RT444012F
2 form A (NO)
12VDC
1-1419108-9
RT444024F
contacts
24VDC
2-1419108-0
RTE24005F
8A,
2 form C (CO)
5VDC
4-1419108-0
RTE24006F
pinning 5mm,
contacts
6VDC
6-1393227-5
RTE24009F
wash tight
9VDC
3-1393237-0
RTE24012F
12VDC
3-1393237-1
RTE24024F
24VDC
3-1393237-3
RTE24048F
48VDC
3-1393237-4
RTE44012F
2 form A (NO)
12VDC
4-1419108-2
RTE44024F
contacts
24VDC
3-1393237-5
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request
Product code structure
Typical product code
RT
4
2
4
024
F
Type
RT Power PCB Relay RT2
Version
4
8A, pinning 5mm, flux proof
E 8A, pinning 5mm, wash tight
Contact arrangement
2
2 form C (CO) contacts
4
2 form A (NO) contacts
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Version
F Standard version


同様の部品番号 - 5-1393243-9

メーカー部品番号データシート部品情報
logo
Tyco Electronics
5-1393243-9 MACOM-5-1393243-9 Datasheet
575Kb / 3P
   Power PCB Relay RT2
5-1393243-9 MACOM-5-1393243-9 Datasheet
575Kb / 3P
   Power PCB Relay RT2
logo
TE Connectivity Ltd
5-1393243-9 TEC-5-1393243-9 Datasheet
411Kb / 4P
   Power PCB Relay RT2 DC and AC
More results

同様の説明 - 5-1393243-9

メーカー部品番号データシート部品情報
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
6-1415029-1 MACOM-6-1415029-1 Datasheet
419Kb / 2P
   General Purpose Relays PCB Relays
04-2011, Rev. 0411
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
PCB-PE TEC-PCB-PE Datasheet
253Kb / 2P
   General Purpose Relays PCB Relays
logo
Tyco Electronics
5-1415520-1 MACOM-5-1415520-1 Datasheet
480Kb / 3P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
RPII-1 TEC-RPII-1 Datasheet
274Kb / 3P
   General Purpose Relays PCB Relays
T73 TEC-T73 Datasheet
438Kb / 2P
   General Purpose Relays PCB Relays
logo
Tyco Electronics
V23061B1002A401 MACOM-V23061B1002A401 Datasheet
407Kb / 3P
   General Purpose Relays PCB Relays
RTD14012AP MACOM-RTD14012AP Datasheet
566Kb / 3P
   General Purpose Relays PCB Relays
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com