データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD40194BE データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD40194BE
部品情報  CMOS 4-BIT BIDIRECTIONAL UNLVERSAL SHIFT REGISTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD40194BE データシート(HTML) 7 Page - Texas Instruments

  CD40194BE Datasheet HTML 1Page - Texas Instruments CD40194BE Datasheet HTML 2Page - Texas Instruments CD40194BE Datasheet HTML 3Page - Texas Instruments CD40194BE Datasheet HTML 4Page - Texas Instruments CD40194BE Datasheet HTML 5Page - Texas Instruments CD40194BE Datasheet HTML 6Page - Texas Instruments CD40194BE Datasheet HTML 7Page - Texas Instruments CD40194BE Datasheet HTML 8Page - Texas Instruments CD40194BE Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD40194BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD40194BEE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
11-Nov-2009
Addendum-Page 1


同様の部品番号 - CD40194BE

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD40194BE TI1-CD40194BE Datasheet
342Kb / 9P
[Old version datasheet]   CMOS 4-Bit Bidirectional Universal Shift Register
More results

同様の説明 - CD40194BE

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CD40104BMS INTERSIL-CD40104BMS Datasheet
129Kb / 10P
   CMOS 4-Bit Bidirectional Universal Shift Register
December 1992
logo
Texas Instruments
CD40194BE TI1-CD40194BE Datasheet
342Kb / 9P
[Old version datasheet]   CMOS 4-Bit Bidirectional Universal Shift Register
CD40194B TI-CD40194B Datasheet
233Kb / 7P
[Old version datasheet]   CMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com