データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM75A データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM75A
部品情報  LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM75A データシート(HTML) 7 Page - Texas Instruments

Back Button LM75A Datasheet HTML 3Page - Texas Instruments LM75A Datasheet HTML 4Page - Texas Instruments LM75A Datasheet HTML 5Page - Texas Instruments LM75A Datasheet HTML 6Page - Texas Instruments LM75A Datasheet HTML 7Page - Texas Instruments LM75A Datasheet HTML 8Page - Texas Instruments LM75A Datasheet HTML 9Page - Texas Instruments LM75A Datasheet HTML 10Page - Texas Instruments LM75A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LM75A
www.ti.com
SNOS808O – JANUARY 2000 – REVISED MAY 2013
FUNCTIONAL DESCRIPTION
The LM75A temperature sensor incorporates a band-gap type temperature sensor and 9-bit ADC (Sigma-Delta
Analog-to-Digital Converter). The temperature data output of the LM75A is available at all times via the I2C bus.
If a conversion is in progress, it will be stopped and restarted after the read. A digital comparator is also
incorporated that compares a series of readings, the number of which is user-selectable, to user-programmable
setpoint and hysteresis values. The comparator trips the O.S. output line, which is programmable for mode and
polarity. The LM75A has an integrated low-pass filter on both the SDA and the SCL line. These filters increase
communications reliability in noisy environments.
The LM75A also has a bus fault timeout feature. If the SDA line is held low for longer than tTIMEOUT (see
specification) the LM75A will reset to the IDLE state (SDA set to high impedance) and wait for a new start
condition. The TIMEOUT feature is not functional in Shutdown Mode.
O.S. OUTPUT, TOS AND THYST LIMITS
In Comparator mode the O.S. Output behaves like a thermostat. The output becomes active when temperature
exceeds the TOS limit, and leaves the active state when the temperature drops below the THYST limit. In this mode
the O.S. output can be used to turn a cooling fan on, initiate an emergency system shutdown, or reduce system
clock speed. Shutdown mode does not reset O.S. state in a comparator mode.
In Interrupt mode exceeding TOS also makes O.S. active but O.S. will remain active indefinitely until reset by
reading any register via the I2C interface. Once O.S. has been activated by crossing TOS, then reset, it can be
activated again only by Temperature going below THYST. Again, it will remain active indefinitely until being reset
by a read. Placing the LM75A in shutdown mode also resets the O.S. Output.
POWER UP AND POWER DOWN
The LM75A always powers up in a known state. The power up default conditions are:
1. Comparator mode
2. TOS = 80°C
3. THYST = 75°C
4. O.S. active low
5. Pointer = “00”
When the supply voltage is less than about 1.7V, the LM75A is considered powered down. As the supply voltage
rises above the nominal 1.7V power up threshold, the internal registers are reset to the power up default values
listed above.
STAND-ALONE THERMOSTAT MODE
If the LM75A is not connected to the I2C bus on power up, it will act as a stand-alone thermostat with the power
up default conditions listed above. It is optional, but recommended, to connect the address pins (A2, A1, A0) and
the SCL and SDA pins together and to a 10k pull-up resistor to +VS for better noise immunity. Any of these pins
may also be tied high separately through a 10k pull-up resistor.
I
2C BUS INTERFACE
The LM75A operates as a slave on the I2C bus, so the SCL line is an input (no clock is generated by the LM75A)
and the SDA line is a bi-directional serial data path. According to I2C bus specifications, the LM75A has a 7-bit
slave address. The four most significant bits of the slave address are hard wired inside the LM75A and are
“1001”. The three least significant bits of the address are assigned to pins A2–A0, and are set by connecting
these pins to ground for a low, (0); or to +VS for a high, (1).
Therefore, the complete slave address is:
1
0
0
1
A2
A1
A0
MSB
LSB
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM75A


同様の部品番号 - LM75A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75A NXP-LM75A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
LM75AD PHILIPS-LM75AD Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75AD NXP-LM75AD Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
More results

同様の説明 - LM75A

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G753 GMT-G753 Datasheet
33Kb / 1P
   High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com