データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM75A データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM75A
部品情報  LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM75A データシート(HTML) 9 Page - Texas Instruments

Back Button LM75A Datasheet HTML 5Page - Texas Instruments LM75A Datasheet HTML 6Page - Texas Instruments LM75A Datasheet HTML 7Page - Texas Instruments LM75A Datasheet HTML 8Page - Texas Instruments LM75A Datasheet HTML 9Page - Texas Instruments LM75A Datasheet HTML 10Page - Texas Instruments LM75A Datasheet HTML 11Page - Texas Instruments LM75A Datasheet HTML 12Page - Texas Instruments LM75A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
I
2
C Interface
SDA
SCL
Pointer Register
(Selects register for
communication)
Address
Data
Temperature
(Read-Only)
Pointer = 00000000
Product ID
(Read-Only)
Pointer = 00000111
TOS Set Point
(Read-Write)
Pointer = 00000011
Configuration
(Read-Write)
Pointer = 00000001
THYST Set Point
(Read-Write)
Pointer = 00000010
LM75A
www.ti.com
SNOS808O – JANUARY 2000 – REVISED MAY 2013
COMPARATOR/INTERRUPT MODE
As indicated in the O.S. Output Temperature Response Diagram, Figure 8, the events that trigger O.S. are
identical for either Comparator or Interrupt mode. The most important difference is that in Interrupt mode the O.S.
will remain set indefinitely once it has been set. To reset O.S. while in Interrupt mode, perform a read from any
register in the LM75A.
O.S. OUTPUT
The O.S. output is an open-drain output and does not have an internal pull-up. A “high” level will not be observed
on this pin until pull-up current is provided from some external source, typically a pull-up resistor. Choice of
resistor value depends on many system factors but, in general, the pull-up resistor should be as large as
possible. This will minimize any errors due to internal heating of the LM75A. The maximum resistance of the pull
up, based on LM75A specification for High Level Output Current, to provide a 2V high level, is 30k
Ω.
O.S. POLARITY
The O.S. output can be programmed via the configuration register to be either active low (default mode), or
active high. In active low mode the O.S. output goes low when triggered exactly as shown on the O.S. Output
Temperature Response Diagram, Figure 8. Active high simply inverts the polarity of the O.S. output.
INTERNAL REGISTER STRUCTURE
Figure 9.
There are four data registers in the LM75A and an additional Product ID register selected by the Pointer register.
At power-up the Pointer is set to “000”; the location for the Temperature Register. The Pointer register latches
whatever the last location it was set to. In Interrupt Mode, a read from the LM75A, or placing the device in
shutdown mode, resets the O.S. output. All registers are read and write, except the Temperature register and the
LM75A's Product ID register, which are read only.
A write to the LM75A will always include the address byte and the Pointer byte. A write to the Configuration
register requires one data byte, and the TOS and THYST registers require two data bytes.
Reading the LM75A can take place either of two ways: If the location latched in the Pointer is correct (most of the
time it is expected that the Pointer will point to the Temperature register because it will be the data most
frequently read from the LM75A), then the read can simply consist of an address byte, followed by retrieving the
corresponding number of data bytes. If the Pointer needs to be set, then an address byte, pointer byte, repeat
start, and another address byte will accomplish a read.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM75A


同様の部品番号 - LM75A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75A NXP-LM75A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
LM75AD PHILIPS-LM75AD Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75AD NXP-LM75AD Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
More results

同様の説明 - LM75A

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G753 GMT-G753 Datasheet
33Kb / 1P
   High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com