データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM75BIMX-5 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM75BIMX-5
部品情報  LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM75BIMX-5 データシート(HTML) 2 Page - Texas Instruments

  LM75BIMX-5 Datasheet HTML 1Page - Texas Instruments LM75BIMX-5 Datasheet HTML 2Page - Texas Instruments LM75BIMX-5 Datasheet HTML 3Page - Texas Instruments LM75BIMX-5 Datasheet HTML 4Page - Texas Instruments LM75BIMX-5 Datasheet HTML 5Page - Texas Instruments LM75BIMX-5 Datasheet HTML 6Page - Texas Instruments LM75BIMX-5 Datasheet HTML 7Page - Texas Instruments LM75BIMX-5 Datasheet HTML 8Page - Texas Instruments LM75BIMX-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
7
6
5
A0
A1
A2
Temperature
Threshold
Silicon Bandgap
Temperature
Sensor
Ð
1-Bit
D/A
10-Bit
Digital
Decimation
Filter
9-Bit Sigma-Delta ADC
Configuration
Register
TOS Set Point
Register
Pointer
Register
THYST Set
Point Register
Set Point
Comparator
3
O.S.
Reset
1
2
SDA
SCL
Two-Wire Interface
4
8
+VS
GND
LM75B, LM75C
SNIS153B – JULY 2009 – REVISED MARCH 2013
www.ti.com
Simplified Block Diagram
Figure 1.
Connection Diagram
LM75B, LM75C, SOIC and VSSOP
PIN DESCRIPTIONS
Label
Pin #
Function
Typical Connection
I2C Serial Bi-Directional Data Line.
SDA
1
From Controller, tied to a pull-up resistor or current source
Open Drain.
SCL
2
I2C Clock Input
From Controller, tied to a pull-up resistor or current source
Over temperature Shutdown.
O.S.
3
Pull–up Resistor, Controller Interrupt Line
Open Drain Output
GND
4
Power Supply Ground
Ground
DC Voltage from 3V to 5.5V; 100 nF bypass capacitor with 10 µF
+VS
8
Positive Supply Voltage Input
bulk capacitance in the near vicinity
A0–A2
7,6,5
User-Set I2C Address Inputs
Ground (Low, “0”) or +VS (High, “1”)
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM75B LM75C


同様の部品番号 - LM75BIMX-5

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM75BIMX-5 NSC-LM75BIMX-5 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75BIMX-5 NSC-LM75BIMX-5 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75BIMX-5 TI-LM75BIMX-5 Datasheet
422Kb / 20P
[Old version datasheet]   LM75B LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75BIMX-5 TI-LM75BIMX-5 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Maxim Integrated Produc...
LM75BIMX-5++ MAXIM-LM75BIMX-5+ Datasheet
270Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
More results

同様の説明 - LM75BIMX-5

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM75CIM-5 TI-LM75CIM-5 Datasheet
422Kb / 20P
[Old version datasheet]   LM75B LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com