データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD3150 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FOD3150
部品情報  High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3150 データシート(HTML) 3 Page - Fairchild Semiconductor

  FOD3150 Datasheet HTML 1Page - Fairchild Semiconductor FOD3150 Datasheet HTML 2Page - Fairchild Semiconductor FOD3150 Datasheet HTML 3Page - Fairchild Semiconductor FOD3150 Datasheet HTML 4Page - Fairchild Semiconductor FOD3150 Datasheet HTML 5Page - Fairchild Semiconductor FOD3150 Datasheet HTML 6Page - Fairchild Semiconductor FOD3150 Datasheet HTML 7Page - Fairchild Semiconductor FOD3150 Datasheet HTML 8Page - Fairchild Semiconductor FOD3150 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3150 Rev. 1.0.4
3
Safety and Insulation Ratings
As per IEC 60747-5-2. This optocoupler is suitable for “safe electrical insulation” only within the safety limit data.
Compliance with the safety ratings shall be ensured by means of protective circuits.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Installation Classifications per DIN VDE 0110/1.89 Table 1
For Rated Main Voltage < 150Vrms
I–IV
For Rated Main Voltage < 300Vrms
I–IV
For Rated Main Voltage < 450Vrms
I–III
For Rated Main Voltage < 600Vrms
I–III
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
CTI
Comparative Tracking Index
175
VPR
Input to Output Test Voltage, Method b,
VIORM x 1.875 = VPR, 100% Production Test with
tm = 1 sec., Partial Discharge < 5pC
1669
Input to Output Test Voltage, Method a,
VIORM x 1.5 = VPR, Type and Sample Test with
tm = 60 sec.,Partial Discharge < 5 pC
1335
VIORM
Max Working Insulation Voltage
890
Vpeak
VIOTM
Highest Allowable Over Voltage
6000
Vpeak
External Creepage
8
mm
External Clearance
7.4
mm
External Clearance (for Option T-0.4” Lead Spacing)
10.16
mm
Insulation Thickness
0.5
mm
Safety Limit Values – Maximum Values Allowed in the
Event of a Failure
TCase
Case Temperature
150
°C
IS,INPUT
Input Current
25
mA
PS,OUTPUT
Output Power (Duty Factor
≤ 2.7%)
250
mW
RIO
Insulation Resistance at TS, VIO = 500V
109


同様の部品番号 - FOD3150

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150 Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
FOD3150S ONSEMI-FOD3150S Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150S ONSEMI-FOD3150S Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
FOD3150SD ONSEMI-FOD3150SD Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
More results

同様の説明 - FOD3150

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3120 FAIRCHILD-FOD3120 Datasheet
403Kb / 22P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
logo
ON Semiconductor
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8071 FAIRCHILD-FODM8071_10 Datasheet
369Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FOD8001R2 FAIRCHILD-FOD8001R2 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FOD8001 FAIRCHILD-FOD8001 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com