データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3940IMP-3.3 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3940IMP-3.3
部品情報  LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3940IMP-3.3 データシート(HTML) 4 Page - Texas Instruments

  LM3940IMP-3.3 Datasheet HTML 1Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 2Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 3Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 4Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 5Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 6Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 7Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 8Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LM3940
SNVS114E – MAY 1999 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage
Dropout Voltage vs. Temperature
Figure 7.
Figure 8.
Output Voltage vs. Temperature
Quiescent Current vs. Temperature
Figure 9.
Figure 10.
Quiescent Current vs. VIN
Quiescent Current vs. Load
Figure 11.
Figure 12.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM3940


同様の部品番号 - LM3940IMP-3.3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3940IMP-3.3 NSC-LM3940IMP-3.3 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940IMP-3.3 NSC-LM3940IMP-3.3 Datasheet
367Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
More results

同様の説明 - LM3940IMP-3.3

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3940IT-33 TI1-LM3940IT-33 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940 NSC-LM3940_03 Datasheet
367Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Texas Instruments
LM3940 TI-LM3940_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3940 1-A Low-Dropout Regulator for 5-V to 3.3-V Conversion
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
   3.3V 1A Low Dropout Regulator
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
   3.3V 1A Low Dropout Regulator
logo
Silicon Standard Corp.
SS8027G SSC-SS8027G Datasheet
299Kb / 10P
   3.3V 1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
   5V~12V 1A Low Dropout Regulator
G9105 GMT-G9105 Datasheet
404Kb / 9P
   5V 1A Low Dropout Regulator with Enable
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
   1A / 5V Output low dropout voltage regulator;
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com