データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25116 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25116
部品情報  Wide Range Synchronous Buck Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM25116 データシート(HTML) 4 Page - Texas Instruments

  LM25116 Datasheet HTML 1Page - Texas Instruments LM25116 Datasheet HTML 2Page - Texas Instruments LM25116 Datasheet HTML 3Page - Texas Instruments LM25116 Datasheet HTML 4Page - Texas Instruments LM25116 Datasheet HTML 5Page - Texas Instruments LM25116 Datasheet HTML 6Page - Texas Instruments LM25116 Datasheet HTML 7Page - Texas Instruments LM25116 Datasheet HTML 8Page - Texas Instruments LM25116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LM25116
SNVS509D – APRIL 2007 – REVISED FEBRUARY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN to GND
-0.3V to 45V
VCC, VCCX, UVLO to GND(2)
-0.3 to 16V
SW, CS to GND
-3.0 to 45V
HB to SW
-0.3 to 16V
HO to SW
-0.3 to HB+0.3V
VOUT to GND
-0.3 to 45V
CSG to GND
-1V to 1V
LO to GND
-0.3 to VCC+0.3V
SS to GND
-0.3 to 7V
FB to GND
-0.3 to 7V
DEMB to GND
-0.3 to VCC
RT to GND
-0.3 to 7V
EN to GND
-0.3 to 45V
ESD Rating, HBM(3)
2 kV
Storage Temperature Range
-55°C to +150°C
Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur.
(2)
These pins must not exceed VIN.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. LO, HO and HB are rated at 1kV. 2kV
rating for all pins except VIN which is rated for 1.5kV.
Operating Ratings
(1) (2)
VIN
6V to 42V
VCC, VCCX
4.75V to 15V
HB to SW
4.75V to 15V
DEMB to GND
-0.3V to 2V
Junction Temperature
-40°C to +125°C
(1)
Operating Ratings are conditions under which operation of the device is intended to be functional. Operating Ratings do not imply
specified performance limits. For specified performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
Note: RAMP, COMP are output pins. As such they are not specified to have an external voltage applied.
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature range of -40°C to
+125°C and are provided for reference only. Unless otherwise specified, the following conditions apply: VIN = 24V, VCC =
7.4V, VCCX = 0V, EN = 5V, RT = 16 kΩ, no load on LO and HO.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN Supply
IBIAS
VIN Operating Current
VCCX = 0V
4.6
6.5
mA
IBIASX
VIN Operating Current
VCCX = 5V
1
1.5
mA
ISTDBY
VIN Shutdown Current
EN = 0V
1
10
µA
VCC Regulator
VCC(REG)
VCC Regulation
7.1
7.4
7.7
V
VCC LDO Mode Turn-off
10.6
V
VCC Regulation
VIN = 6V
5.0
5.9
6.0
V
VCC Sourcing Current Limit
VCC = 0V
15
26
mA
VCCX Switch Threshold
VCCX Rising
4.3
4.5
4.7
V
VCCX Switch Hysteresis
0.25
V
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM25116


同様の部品番号 - LM25116

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116 TI1-LM25116 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
National Semiconductor ...
LM25116MH NSC-LM25116MH Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
LM25116MHX NSC-LM25116MHX Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116 TI1-LM25116_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
More results

同様の説明 - LM25116

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
LM25116 TI1-LM25116_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483C HMSEMI-HM1483C Datasheet
607Kb / 9P
   Wide Range Synchronous Buck Controller
logo
Lowpower Semiconductor ...
LP6496 POWER-LP6496 Datasheet
424Kb / 6P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116-HT TI1-LM5116-HT Datasheet
636Kb / 34P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
logo
SHOUDING Shouding Semic...
SDA2717E SHOUDING-SDA2717E Datasheet
801Kb / 10P
   Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483B HMSEMI-HM1483B Datasheet
772Kb / 9P
   Wide Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com