データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3671MF-3.3 データシート(PDF) 9 Page - Texas Instruments

部品番号 LM3671MF-3.3
部品情報  LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3671MF-3.3 データシート(HTML) 9 Page - Texas Instruments

Back Button LM3671MF-3.3 Datasheet HTML 5Page - Texas Instruments LM3671MF-3.3 Datasheet HTML 6Page - Texas Instruments LM3671MF-3.3 Datasheet HTML 7Page - Texas Instruments LM3671MF-3.3 Datasheet HTML 8Page - Texas Instruments LM3671MF-3.3 Datasheet HTML 9Page - Texas Instruments LM3671MF-3.3 Datasheet HTML 10Page - Texas Instruments LM3671MF-3.3 Datasheet HTML 11Page - Texas Instruments LM3671MF-3.3 Datasheet HTML 12Page - Texas Instruments LM3671MF-3.3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
-10
10
30
50
70
90
110
TEMPERATURE (
oC)
100
150
200
250
300
350
400
450
500
550
600
-30
NFET
VIN = 4.5V
PFET
VIN = 2.7V
VIN = 4.5V
VIN = 3.6V
VIN = 3.6V
VIN = 2.7V
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
10
12
14
16
18
20
2.5
TA = 85°C
EN = VIN
IOUT = 0 mA
TA = 25°C
TA = -30°C
-10
10
30
50
70
90
TEMPERATURE (°C)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-30
EN = GND
VIN = 3.6V
VIN = 2.7V
VIN = 5.5V
LM3671
LM3671Q
www.ti.com
SNVS294P – NOVEMBER 2004 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS
LM3671MF/TL/LC, Circuit of Figure 1, VIN= 3.6V, VOUT= 1.5V, TA= 25°C, unless otherwise noted.
Quiescent Supply Current vs. Supply Voltage
Shutdown Current vs. Temp
Figure 7.
Figure 8.
Feedback Bias Current vs. Temp
Switching Frequency vs. Temperature
Figure 9.
Figure 10.
RDS(ON) vs. Temperature
Open/Closed Loop Current Limit vs. Temperature
Figure 11.
Figure 12.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3671 LM3671Q


同様の部品番号 - LM3671MF-3.3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3671MF-3.3 NSC-LM3671MF-3.3 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-3.3 NSC-LM3671MF-3.3 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671MF-3.3/NOPB TI1-LM3671MF-3.3/NOPB Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

同様の説明 - LM3671MF-3.3

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com