データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC1542MFKB データシート(PDF) 10 Page - Texas Instruments

部品番号 TLC1542MFKB
部品情報  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1542MFKB データシート(HTML) 10 Page - Texas Instruments

Back Button TLC1542MFKB Datasheet HTML 6Page - Texas Instruments TLC1542MFKB Datasheet HTML 7Page - Texas Instruments TLC1542MFKB Datasheet HTML 8Page - Texas Instruments TLC1542MFKB Datasheet HTML 9Page - Texas Instruments TLC1542MFKB Datasheet HTML 10Page - Texas Instruments TLC1542MFKB Datasheet HTML 11Page - Texas Instruments TLC1542MFKB Datasheet HTML 12Page - Texas Instruments TLC1542MFKB Datasheet HTML 13Page - Texas Instruments TLC1542MFKB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
www.ti.com
TLC1542I,, TLC1542M,, TLC1542Q
TLC1542C, TLC1543C, TLC1543I, TLC1543Q
SLAS052G – MARCH 1992 – REVISED JANUARY 2006
OPERATING CHARACTERISTICS (continued)
over recommended operating free-air temperature range, V
CC = Vref+ = 4.5 V to 5.5 V, I/O CLOCK frequency = 2.1 MHz
(unless otherwise noted)
TEST
MIN
TYP (1)
MAX
UNIT
CONDITIONS
TLC1542C, I, or Q
See (4)
±1
LSB
EZS
Zero-scale error, see (3)
TLC1543C, I, or Q
See (4)
±1
LSB
TLC1542M
See (4)
±1
LSB
TLC1542C, I, or Q
See (4)
±1
LSB
EFS
Full-scale error, see (3)
TLC1543C, I, or Q
See (4)
±1
LSB
TLC1542M
See (4)
±1
LSB
TLC1542C, I, or Q
±1
LSB
Total unadjusted error, see (5)
TLC1543C, I, or Q
±1
LSB
TLC1542M
±1
LSB
ADDRESS = 1011
512
Self-test output code, see Table 3 and (6)
ADDRESS = 1100
0
ADDRESS = 1101
1023
See timing
tconv
Conversion time
21
µs
diagrams
21
See timing
+10 I/O
tc
Total cycle time (access, sample, and conversion)
µs
diagrams and (7)
CLOCK
periods
See timing
I/O CLOCK
tacq
Channel acquisition time (sample)
6
diagrams and (7)
periods
tv
Valid time, DATA OUT remains valid after I/O CLOCK
↓ See Figure 6
10
ns
td(I/O-DATA)
Delay time, I/O CLOCK
↓ to DATA OUT valid
See Figure 6
240
ns
td(I/O-EOC)
Delay time, tenth I/O CLOCK
↓ to EOC↓
See Figure 7
70
240
ns
td(EOC-DATA)
Delay time, EOC
↑ to DATA OUT (MSB)
See Figure 8
100
ns
tPZH, tPZL
Enable time, CS
↓ to DATA OUT (MSB driven)
See Figure 3
1.3
µs
tPHZ, tPLZ
Disable time, CS
↑ to DATA OUT (high impedance)
See Figure 3
150
ns
tr(EOC)
Rise time, EOC
See Figure 8
300
ns
tf(EOC)
Fall time, EOC
See Figure 7
300
ns
tr(DATA)
Rise time, data bus
See Figure 6
300
ns
tf(DATA)
Fall time, data bus
See Figure 6
300
ns
Delay time, tenth I/O CLOCK
↓ to CS↓ to abort
td(I/O-CS)
9
µs
conversion (see Note (8))
(3)
Zero-scale error is the difference between 0000000000 and the converted output for zero input voltage; full-scale error is the difference
between 1111111111 and the converted output for full-scale input voltage.
(4)
Analog input voltages greater than that applied to REF+ convert as all ones (1111111111), while input voltages less than that applied to
REF- convert as all zeros (0000000000). The device is functional with reference voltages down to 1 V (Vref+-Vref-); however, the
electrical specifications are no longer applicable.
(5)
Total unadjusted error comprises linearity, zero-scale, and full-scale errors.
(6)
Both the input address and the output codes are expressed in positive logic.
(7)
I/O CLOCK period = 1/(I/O CLOCK frequency) (see Figure 6)
(8)
Any transitions of CS are recognized as valid only if the level is maintained for a setup time plus two falling edges of the internal clock
(1.425
µs) after the transition.
10
Submit Documentation Feedback


同様の部品番号 - TLC1542MFKB

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC1542MFK TI-TLC1542MFK Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

同様の説明 - TLC1542MFKB

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com