データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC6B595N データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPIC6B595N
部品情報  POWER LOGIC 8-BIT SHIFT REGISTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6B595N データシート(HTML) 8 Page - Texas Instruments

Back Button TPIC6B595N Datasheet HTML 4Page - Texas Instruments TPIC6B595N Datasheet HTML 5Page - Texas Instruments TPIC6B595N Datasheet HTML 6Page - Texas Instruments TPIC6B595N Datasheet HTML 7Page - Texas Instruments TPIC6B595N Datasheet HTML 8Page - Texas Instruments TPIC6B595N Datasheet HTML 9Page - Texas Instruments TPIC6B595N Datasheet HTML 10Page - Texas Instruments TPIC6B595N Datasheet HTML 11Page - Texas Instruments TPIC6B595N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TPIC6B595
POWER LOGIC 8BIT SHIFT REGISTER
SLIS032A − JULY 1995 − REVISED MAY 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
10
8
4
2
0
6
0
100
200
300
400
14
12
16
DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
18
500
600
700
ID − Drain Current − mA
VCC = 5 V
See Note A
TC = 25°C
TC = − 40°C
TC = 125°C
Figure 8
VCC − Logic Supply Voltage − V
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
LOGIC SUPPLY VOLTAGE
4
3
1
0
4
4.5
5
5.5
5
7
8
6
6.5
7
6
2
TC = 125°C
TC = 25°C
TC = − 40°C
ID = 100 mA
See Note A
SWITCHING TIME
vs
CASE TEMPERATURE
−50
TC − Case Temperature − °C
ID = 100 mA
See Note A
200
150
100
50
250
300
tPHL
tPLH
tr
tf
− 25
0
25
50
75
100
125
Figure 9
NOTE C: Technique should limit TJ − TC to 10°C maximum.


同様の部品番号 - TPIC6B595N

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC6B595N TI-TPIC6B595N Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595N TI1-TPIC6B595N Datasheet
1Mb / 26P
[Old version datasheet]   Power Logic 8-Bit Shift Register
More results

同様の説明 - TPIC6B595N

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com