データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS1120 データシート(PDF) 3 Page - Texas Instruments

部品番号 TPS1120
部品情報  DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1120 データシート(HTML) 3 Page - Texas Instruments

  TPS1120_08 Datasheet HTML 1Page - Texas Instruments TPS1120_08 Datasheet HTML 2Page - Texas Instruments TPS1120_08 Datasheet HTML 3Page - Texas Instruments TPS1120_08 Datasheet HTML 4Page - Texas Instruments TPS1120_08 Datasheet HTML 5Page - Texas Instruments TPS1120_08 Datasheet HTML 6Page - Texas Instruments TPS1120_08 Datasheet HTML 7Page - Texas Instruments TPS1120_08 Datasheet HTML 8Page - Texas Instruments TPS1120_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TPS1120, TPS1120Y
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS080A – MARCH 1994 – REVISED AUGUST 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
UNIT
Drain-to-source voltage, VDS
–15
V
Gate-to-source voltage, VGS
2 or –15
V
VGS =2 7 V
TA = 25°C
±0.39
VGS = – 2.7 V
TA = 125°C
±0.21
VGS =3 V
TA = 25°C
±0.5
Continuous drain current each device (TJ = 150°C) ID
VGS = – 3 V
TA = 125°C
±0.25
A
Continuous drain current, each device (TJ = 150°C), ID
VGS =4 5 V
TA = 25°C
±0.74
A
VGS = – 4.5 V
TA = 125°C
±0.34
VGS =10 V
TA = 25°C
±1.17
VGS = – 10 V
TA = 125°C
±0.53
Pulse drain current, ID
TA = 25°C
±7
A
Continuous source current (diode conduction), IS
TA = 25°C
–1
A
Continuous total power dissipation
See Dissipation Rating Table
Storage temperature range, Tstg
– 55 to 150
°C
Operating junction temperature range, TJ
– 40 to 150
°C
Operating free-air temperature range, TA
– 40 to 125
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
840 mW
6.71 mW/
°C
538 mW
437 mW
169 mW
‡ Maximum values are calculated using a derating factor based on RθJA = 149°C/W for the package. These devices are
mounted on an FR4 board with no special thermal considerations.


同様の部品番号 - TPS1120_08

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS1120D TI-TPS1120D Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
VBsemi Electronics Co.,...
TPS1120DRG4 VBSEMI-TPS1120DRG4 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Texas Instruments
TPS1120Y TI-TPS1120Y Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120YD TI-TPS1120YD Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results

同様の説明 - TPS1120_08

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
List of Unclassifed Man...
TD2001Y ETC1-TD2001Y Datasheet
88Kb / 2P
   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4955GM SSC-SSM4955GM Datasheet
521Kb / 5P
   Dual P-channel Enhancement-mode Power MOSFETs
SSM4957 SSC-SSM4957 Datasheet
234Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Dongguan City Niuhang E...
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
   P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM9930M SSC-SSM9930M Datasheet
343Kb / 8P
   DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com