データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS1101DR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS1101DR
部品情報  SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1101DR データシート(HTML) 4 Page - Texas Instruments

  TPS1101DR Datasheet HTML 1Page - Texas Instruments TPS1101DR Datasheet HTML 2Page - Texas Instruments TPS1101DR Datasheet HTML 3Page - Texas Instruments TPS1101DR Datasheet HTML 4Page - Texas Instruments TPS1101DR Datasheet HTML 5Page - Texas Instruments TPS1101DR Datasheet HTML 6Page - Texas Instruments TPS1101DR Datasheet HTML 7Page - Texas Instruments TPS1101DR Datasheet HTML 8Page - Texas Instruments TPS1101DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TPS1101, TPS1101Y
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS079C – DECEMBER 1993 – REVISED AUGUST 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TJ = 25°C (unless otherwise noted)
static
PARAMETER
TEST CONDITIONS
TPS1101
TPS1101Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VGS(th)
Gate-to-source
threshold voltage
VDS = VGS,
ID = – 250 µA
–1
– 1.25
– 1.5
– 1.25
V
VSD
Source-to-drain voltage
(diode-forward voltage)†
IS = – 1 A,
VGS = 0 V
– 1.04
– 1.04
V
IGSS
Reverse gate current,
drain short circuited to
source
VDS = 0 V,
VGS = – 12 V
±100
nA
IDSS
Zero-gate-voltage drain
VDS =12 V
VGS =0V
TJ = 25°C
– 0.5
µA
IDSS
gg
current
VDS = – 12 V,
VGS = 0 V
TJ = 125°C
–10
µA
VGS = – 10 V
ID = – 2.5 A
90
90
rDS( )
Static drain-to-source
VGS = – 4.5 V ID = – 1.5 A
134
190
134
m
rDS(on)
Static drain to source
on-state resistance†
VGS = – 3 V
ID =0 5 A
198
310
198
m
VGS = – 2.7 V
ID = – 0.5 A
232
400
232
gfs
Forward
transconductance†
VDS = – 10 V,
ID = – 2 A
4.3
4.3
S
† Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2%
dynamic
PARAMETER
TEST CONDITIONS
TPS1101, TPS1101Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Qg
Total gate charge
11.25
Qgs
Gate-to-source charge
VDS = – 10 V, VGS = – 10 V,
ID = – 1 A
1.5
nC
Qgd
Gate-to-drain charge
2.6
td(on)
Turn-on delay time
6.5
ns
td(off)
Turn-off delay time
VDD = – 10 V, RL = 10 Ω,ID = – 1 A,
19
ns
tr
Rise time
DD
,
RG = 6 Ω,
L
,
See Figures 1 and 2
D
,
5.5
tf
Fall time
13
ns
trr(SD)
Source-to-drain reverse recovery time
IF = 5.3 A,
di/dt = 100 A/
µs
16


同様の部品番号 - TPS1101DR

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
TPS1101DRG4 VBSEMI-TPS1101DRG4 Datasheet
899Kb / 6P
   P-Channel 12-V (D-S) MOSFET
More results

同様の説明 - TPS1101DR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100DR TI1-TPS1100DR Datasheet
700Kb / 14P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100 TI-TPS1100 Datasheet
155Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Dongguan City Niuhang E...
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
   P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Texas Instruments
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120 TI1-TPS1120_08 Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4953M SSC-SSM4953M Datasheet
115Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com