データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS2819DBV データシート(PDF) 3 Page - Texas Instruments

部品番号 TPS2819DBV
部品情報  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIBER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2819DBV データシート(HTML) 3 Page - Texas Instruments

  TPS2819DBV Datasheet HTML 1Page - Texas Instruments TPS2819DBV Datasheet HTML 2Page - Texas Instruments TPS2819DBV Datasheet HTML 3Page - Texas Instruments TPS2819DBV Datasheet HTML 4Page - Texas Instruments TPS2819DBV Datasheet HTML 5Page - Texas Instruments TPS2819DBV Datasheet HTML 6Page - Texas Instruments TPS2819DBV Datasheet HTML 7Page - Texas Instruments TPS2819DBV Datasheet HTML 8Page - Texas Instruments TPS2819DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPS2816, TPS2817, TPS2818, TPS2819, TPS2828, TPS2829,
SINGLECHANNEL HIGHSPEED MOSFET DRIVER
SLVS160C – FEBRUARY 1997 – REVISED OCTOBER 2002
3
www.ti.com
TPS28xxY chip information
This chip, when properly assembled, displays characteristics similar to those of the TPS28xx. Thermal
compression or ultrasonic bonding may be used on the doped aluminum bonding pads. The chip may be
mounted with conductive epoxy or a gold-silicon preform.
39
39
TPS2816Y
(4)
(2)
(3)
(5)
(1)
OUT
GND
IN
VCC
VDD†
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
(4)
(2)
(3)
(1)
(5)
†TPS2816 through TPS2819 only
Terminal Functions
TPS2816, TPS2818, TPS2828 (inverting driver)
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
VDD
1
Regulator supply voltage input. (Not connected on TPS2828)
GND
2
Ground
IN
3
Driver input.
OUT
4
Driver output, OUT = IN
VCC
5
Driver supply voltage/regulator output voltage
TPS2817, TPS2819, TPS2829 (noninverting driver)
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
VDD
1
Regulator supply voltage input. (Not connected on TPS2829)
GND
2
Ground
IN
3
Driver input.
OUT
4
Driver output, OUT= IN
VCC
5
Driver supply voltage/regulator output voltage


同様の部品番号 - TPS2819DBV

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2819DBV TI-TPS2819DBV Datasheet
371Kb / 20P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2819DBV TI-TPS2819DBV Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
TPS2819DBV TI-TPS2819DBV Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com