データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS2812PWLE データシート(PDF) 4 Page - Texas Instruments

部品番号 TPS2812PWLE
部品情報  DUAL HIGH-SPEED MOSFET DRIBERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2812PWLE データシート(HTML) 4 Page - Texas Instruments

  TPS2812PWLE Datasheet HTML 1Page - Texas Instruments TPS2812PWLE Datasheet HTML 2Page - Texas Instruments TPS2812PWLE Datasheet HTML 3Page - Texas Instruments TPS2812PWLE Datasheet HTML 4Page - Texas Instruments TPS2812PWLE Datasheet HTML 5Page - Texas Instruments TPS2812PWLE Datasheet HTML 6Page - Texas Instruments TPS2812PWLE Datasheet HTML 7Page - Texas Instruments TPS2812PWLE Datasheet HTML 8Page - Texas Instruments TPS2812PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGHSPEED MOSFET DRIVERS
SLVS132F − NOVEMBER 1995 − REVISED OCTOBER 2004
4
www.ti.com
Terminal Functions
TPS2811, TPS2812, TPS2813
TERMINAL NUMBERS
TERMINAL
NAME
TPS2811
Dual Inverting
Drivers
TPS2812
Dual Noninverting
Drivers
TPS2813
Complimentary
Drivers
DESCRIPTION
REG_IN
1
1
1
Regulator input
1IN
2
2
2
Input 1
GND
3
3
3
Ground
2IN
4
4
4
Input 2
2OUT
5 = 2IN
5 = 2IN
5 = 2IN
Output 2
VCC
6
6
6
Supply voltage
1OUT
7 = 1IN
7 = 1IN
7 = 1IN
Output 1
REG_OUT
8
8
8
Regulator output
TPS2814, TPS2815
TERMINAL NUMBERS
TERMINAL
NAME
TPS2814
Dual AND Drivers with Single
Inverting Input
TPS2815
Dual NAND Drivers
DESCRIPTION
1IN1
1
1
Noninverting input 1 of driver 1
1IN2
2
-
Inverting input 2 of driver 1
1IN2
-
2
Noninverting input 2 of driver 1
2IN1
3
3
Noninverting input 1 of driver 2
2IN2
4
-
Inverting input 2 of driver 2
2IN2
-
4
Noninverting input 2 of driver 2
2OUT
5 = 2IN1
• 2IN2
5 = 2IN1
• 2IN2
Output 2
VCC
6
6
Supply voltage
1OUT
7 = 1IN1
• 1IN2
7 = 1IN1
• 1IN2
Output 1
GND
8
8
Ground
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
P
1090 mW
8.74 mW/
°C
697 mW
566 mW
D
730 mW
5.84 mW/
°C
467 mW
380 mW
PW
520 mW
4.17 mW/
°C
332 mW
270 mW


同様の部品番号 - TPS2812PWLE

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2812PW TI-TPS2812PW Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
More results

同様の説明 - TPS2812PWLE

メーカー部品番号データシート部品情報
logo
Texas Instruments
MAX232NG4 TI1-MAX232NG4 Datasheet
581Kb / 17P
[Old version datasheet]   DUAL ELA-232 DRIBERS/RECEIVERS
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
logo
ON Semiconductor
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com