データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS2819DBVRG4 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS2819DBVRG4
部品情報  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIBER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2819DBVRG4 データシート(HTML) 1 Page - Texas Instruments

  TPS2819DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS2819DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS2819DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS2819DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS2819DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS2819DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS2819DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS2819DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS2819DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TPS2816, TPS2817, TPS2818, TPS2819, TPS2828, TPS2829,
SINGLECHANNEL HIGHSPEED MOSFET DRIVER
SLVS160C – FEBRUARY 1997 – REVISED OCTOBER 2002
1
www.ti.com
D Low-Cost Single-Channel High-Speed
MOSFET Driver
D ICC ... 15-µA Max (TPS2828, TPS2829)
D 25-ns Max Rise/Fall Times and 40-ns Max
Propagation Delay ... 1-nF Load
D 2-A Peak Output Current
D 4-V to 14-V Driver Supply Voltage Range;
Internal Regulator Extends Range to 40 V
(TPS2816, TPS2817, TPS2818, TPS2819)
D 5-pin SOT-23 Package
D –40°C to 125°C Ambient-Temperature
Operating Range
D Highly Resistant to Latch-ups
description
The TPS28xx single-channel high-speed MOS-
FET drivers are capable of delivering peak
currents of up to 2 A into highly capacitive loads.
High switching speeds (tr and tf = 14 ns typ) are
obtained with the use of BiCMOS outputs. Typical
threshold switching voltages are 2/3 and 1/3 of
VCC. The design inherently minimizes shoot-
through current.
A regulator is provided on TPS2816 through TPS2819 devices to allow operation with supply inputs between
14 V and 40 V. The regulator output can be used to power other circuits, provided power dissipation does not
exceed package limitations. If the regulator is not required, VDD (the regulator input) should be connected to
VCC. The TPS2816 and TPS2817 input circuits include an active pullup circuit to eliminate the need for an
external resistor when using open-collector PWM controllers. The TPS2818 and TPS2819 are identical to the
TPS2816 and TPS2817, except that the active pullup circuit is omitted. The TPS2828 and TPS2829 are
identical to the TPS2818 and TPS2819, except that the internal voltage regulator is omitted, allowing quiescent
current to drop to less than 15
µA when the inputs are high or low.
The TPS28xx series devices are available in 5-pin SOT-23 (DBV) packages and operate over an ambient
temperature range of –40
_C to 125_C.
AVAILABLE OPTIONS
T
FUNCTION
PACKAGED DEVICES
CHIP FORM
TA
FUNCTION
SOT-23–5 (DBV)
CHIP FORM
(Y)
Inverting driver with active pullup input
TPS2816DBV
TPS2816Y
Noninverting driver with active pullup input
TPS2817DBV
TPS2817Y
40
°C to 125°C
Inverting driver
TPS2818DBV
TPS2818Y
–40
°C to 125°C
Noninverting driver
TPS2819DBV
TPS2819Y
Inverting driver, no regulator
TPS2828DBV
TPS2828Y
Noninverting driver, no regulator
TPS2829DBV
TPS2829Y
The DBV package is available taped and reeled only.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
2
1
4
5
IN
VCC
VDD
OUT
TPS2816, TPS2817
TPS2818, TPS2819
DBV PACKAGE
(TOP VIEW)
GND
3
2
1
4
5
IN
VCC
NC
OUT
DBV PACKAGE
(TOP VIEW)
GND
TPS2828, TPS2829
NC – No internal connection


同様の部品番号 - TPS2819DBVRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2819DBV TI-TPS2819DBV Datasheet
371Kb / 20P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2819DBV TI-TPS2819DBV Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
TPS2819DBV TI-TPS2819DBV Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com