データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS76030DBVTG4 データシート(PDF) 7 Page - Texas Instruments

部品番号 TPS76030DBVTG4
部品情報  LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76030DBVTG4 データシート(HTML) 7 Page - Texas Instruments

Back Button TPS76030DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS76030DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS76030DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS76030DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS76030DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS76030DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS76030DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS76030DBVTG4 Datasheet HTML 10Page - Texas Instruments TPS76030DBVTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TPS76030, TPS76032, TPS76033, TPS76038, TPS76050
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
SLVS144D – JULY 1998 – REVISED MAY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
TA – Free-Air Temperature – °C
–35
5
–15
25
125
–55
45
65
VI = 6 V
85
105
IO = 50 mA
IO = 1 mA
TPS76050
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
IO = 0 mA
IO = 10 mA
100
10
10000
1000
Figure 10
f – Frequency – Hz
1k
10k
100k
250
CL = 10 µF
IO = 1 mA
CL = 10 µF
IO = 50 mA
CL = 2.2 µF
IO = 1 mA
CL = 2.2 µF
IO = 50 mA
OUTPUT NOISE
vs
FREQUENCY
10 nV Hz
100 nV Hz
1
µVHz
10
µVHz
10
µVHz
Figure 11
0.1
0.1
1
1000
10
0.01
10
1
f – Frequency – kHz
100
OUTPUT IMPEDANCE
vs
FREQUENCY
CL = 2.2 µF:
IO = 1 mA
IO = 10 mA
IO = 50 mA
CL = 10 µF
IO = 50 mA
CL = 10 µF:
IO = 1 mA
IO = 10 mA
Figure 12
TA – Free-Air Temperature – °C
50
0
–35
5
75
25
–15
25
125
150
–55
45
65
100
125
VI = EN = 2.9 V
85
105
1 mA
10 mA
0 mA
50 mA
TPS76030
DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE


同様の部品番号 - TPS76030DBVTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS76030DBV TI-TPS76030DBV Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030DBVR TI-TPS76030DBVR Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results

同様の説明 - TPS76030DBVTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77001 TI-TPS77001 Datasheet
230Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033-Q1 TI1-TPS77033-Q1 Datasheet
343Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77025DBVRG4 TI-TPS77025DBVRG4 Datasheet
925Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033DBVTG4 TI-TPS77033DBVTG4 Datasheet
863Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS770 TI-TPS770 Datasheet
887Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS790 TI-TPS790_15 Datasheet
463Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS79015 TI-TPS79015 Datasheet
315Kb / 17P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com