データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS76038DBVR データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS76038DBVR
部品情報  LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76038DBVR データシート(HTML) 3 Page - Texas Instruments

  TPS76038DBVR Datasheet HTML 1Page - Texas Instruments TPS76038DBVR Datasheet HTML 2Page - Texas Instruments TPS76038DBVR Datasheet HTML 3Page - Texas Instruments TPS76038DBVR Datasheet HTML 4Page - Texas Instruments TPS76038DBVR Datasheet HTML 5Page - Texas Instruments TPS76038DBVR Datasheet HTML 6Page - Texas Instruments TPS76038DBVR Datasheet HTML 7Page - Texas Instruments TPS76038DBVR Datasheet HTML 8Page - Texas Instruments TPS76038DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TPS76030, TPS76032, TPS76033, TPS76038, TPS76050
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
SLVS144D – JULY 1998 – REVISED MAY 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VI = VO(nom) + 1 V, IO = 1 mA, EN = VI, Co = 2.2 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = 25°C
2.96
3
3.04
TPS76030
TJ = 25°C,
1 mA < IO < 50 mA
2.92
3.04
V
1 mA < IO < 50 mA
2.91
3.07
TJ = 25°C
3.16
3.2
3.24
TPS76032
TJ = 25°C,
1 mA < IO < 50 mA
3.13
3.24
V
1 mA < IO < 50 mA
3.1
3.3
TJ = 25°C
3.26
3.3
3.34
VO
Output voltage
TPS76033
TJ = 25°C,
1 mA < IO < 50 mA
3.23
3.34
V
1 mA < IO < 50 mA
3.2
3.4
TJ = 25°C
3.76
3.8
3.84
TPS76038
TJ = 25°C,
1 mA < IO < 50 mA
3.73
3.84
V
1 mA < IO < 50 mA
3.7
3.9
TJ = 25°C
4.95
5
5.05
TPS76050
TJ = 25°C,
1 mA < IO < 50 mA
4.91
5.05
V
1 mA < IO < 50 mA
4.89
5.1
II(standby)
Standby current
EN = 0 V
1
µA
IO = 0 mA,
TJ = 25°C
90
115
IO = 0 mA
130
IO = 1 mA,
TJ = 25°C
100
130
Quiescent current (GND current)
IO = 1 mA
170
µA
Quiescent current (GND current)
IO = 10 mA,
TJ = 25°C
190
215
µA
IO = 10 mA
260
IO = 50 mA,
TJ = 25°C
850
1100
IO = 50 mA
1200
TPS76030
4 V < VI < 16,
IO = 1 mA
3
10
TPS76032
4.2 V < VI < 16,
IO = 1 mA
3
10
Input regulation
TPS76033
4.3 V < VI < 16,
IO = 1 mA
3
10
mV
TPS76038
4.8 V < VI < 16,
IO = 1 mA
3
10
TPS76050
6 V < VI < 16,
IO = 1 mA
3
10
Vn
Output noise voltage
BW = 300 Hz to 50 kHz,
Co = 10 µF, TJ = 25°C
190
µVrms
Ripple rejection
f = 1 kHz,
Co = 10 µF,
TJ = 25°C
63
dB
IO = 0 mA TJ = 25°C
1
3
IO = 0 mA
5
IO = 1 mA,
TJ = 25°C
7
10
Dropout voltage
IO = 1 mA
15
mV
Dropout voltage
IO = 10 mA,
TJ = 25°C
40
60
mV
IO = 10 mA
90
IO = 50 mA
TJ = 25°C
120
150
IO = 50 mA
180
Peak output current/current limit
100
125
135
mA
High level enable input
2
V
Low level enable input
0.8
V
II
Input current (EN)
EN = 0 V
–1
0
1
µA
II
Input current (EN)
EN = VI
2.5
5
µA


同様の部品番号 - TPS76038DBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS76038DBVR TI-TPS76038DBVR Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results

同様の説明 - TPS76038DBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77001 TI-TPS77001 Datasheet
230Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033-Q1 TI1-TPS77033-Q1 Datasheet
343Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77025DBVRG4 TI-TPS77025DBVRG4 Datasheet
925Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033DBVTG4 TI-TPS77033DBVTG4 Datasheet
863Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS770 TI-TPS770 Datasheet
887Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS790 TI-TPS790_15 Datasheet
463Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS79015 TI-TPS79015 Datasheet
315Kb / 17P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com