データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2543J データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC2543J
部品情報  Power Supply Supervisory Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC2543J データシート(HTML) 3 Page - Texas Instruments

  UC2543J Datasheet HTML 1Page - Texas Instruments UC2543J Datasheet HTML 2Page - Texas Instruments UC2543J Datasheet HTML 3Page - Texas Instruments UC2543J Datasheet HTML 4Page - Texas Instruments UC2543J Datasheet HTML 5Page - Texas Instruments UC2543J Datasheet HTML 6Page - Texas Instruments UC2543J Datasheet HTML 7Page - Texas Instruments UC2543J Datasheet HTML 8Page - Texas Instruments UC2543J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
UC1543
,, UC1544
UC2543, UC2544
UC3543, UC3544
SLUS188A – APRIL 1997 – REVISED FEBRUARY 2007
Unless otherwise stated, these specifications apply for T
A = -55°C to 125°C for theUC1543 and UC1544; -25°C to 85°C for
the UC2543 and UC2544; and 0°C to 70°C for the UC3543 and UC3544. Electrical tests are performed with V
IN = 10 V and
2-k
Ω pull-up resistors on all indicator outputs. All electrical specifications for the UC1544, UC2544, and UC3544 devices are
tested with the inverting over-voltage input and the non-inverting under-voltage input externallyconnected to the 2.5 V
reference. T
A = TJ.
UC1543/UC1544/UC2543/
UC3543/UC3544
UC2544
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
TJ = 25°C to TMAX
4.5
40
4.5
40
VIN
Input voltage range
V
TMIN to TMAX
4.7
40
4.7
40
VIN = 40 V, output open,
7
10
7
10
TJ = 25°C
ICC
Supply current
mA
TMIN≤ TJ≤ TMAX
15
15
Reference Section
TJ = 25°C
2.48
2.5
2.52
2.45
2.50
2.55
VOUT
Output voltage
V
Over temperature range
2.45
2.55
2.40
2.60
Line regulation
VIN = 5 to 30 V
1
5
1
5
mV
Load regulation
IREF = 0 to 10 mA
1
10
1
10
Short circuit current
VREF = 0
-10
-20
-40
-12
-20
-40
mA
Temperature stability
50
50
ppm/°C
SCR Trigger Section
Peak output current
VIN = 5V, RG = 0, VO = 0
-100
-300
-600
-100
-300
-600
mA
Peak output voltage
VIN = 15 V, IO = -100 mA
12
13
12
13
V
Output OFF voltage
VIN = 40 V
0
0.1
0
0.1
Remote activate current
R/A Pin = GND
-0.4
-0.8
-0.4
-0.8
mA
Remote activate voltage
R/A Pin Open
2
6
2
6
V
Reset current
Reset = GND, R/A = GND
-0.4
-0.8
-0.4
-0.8
mA
Reset voltage
Reset open, R/A = GND
2
6
2
6
V
Output current rise time
RL = 50, TJ = 25°C, CD = 0
400
400
mA/
µs
Prop. delay from R/A
RL = 50, TJ = 25°C, CD = 0
300
300
ns
Prop. delay from O/V input
RL = 50, TJ = 25°C, CD = 0
500
500
Comparator Section
Input threshold (Input
TJ = 25°C
2.45
2.50
2.55
2.40
2.50
2.60
voltage rising on O.V. and
V
Over temperature range
2.40
2.60
2.35
2.65
falling on U.V.)
Input hysteresis
25
25
mV
Input bias current
Sense input = 0 V
-0.3
-1.0
-0.3
-1.0
µA
Delay saturation
0.2
0.5
0.2
0.5
V
Delay high level
6
7
6
7
Delay charging current
VO = 0
-200
-250
-300
-200
-250
-300
µA
Indicate saturation
IL = 10 mA
0.2
0.5
0.2
0.5
V
Indicate leakage
VIND = 40 V
0.01
1.0
0.01
1.0
µA
Input over drive = 200 mV,
400
400
ns
TJ = 25°C, CD = 0
Propagation delay
Input over drive = 200 mV,
10
10
ms
TJ = 25°C, CD = 1 µF
3
Submit Documentation Feedback


同様の部品番号 - UC2543J

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2543J TI-UC2543J Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC2543J TI1-UC2543J Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
More results

同様の説明 - UC2543J

メーカー部品番号データシート部品情報
logo
Seme LAB
IP1543 SEME-LAB-IP1543 Datasheet
91Kb / 7P
   POWER SUPPLY SUPERVISORY CIRCUIT
logo
Texas Instruments
UC1544N TI-UC1544N Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543_16 Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI-UC1543 Datasheet
455Kb / 6P
[Old version datasheet]   Power Supply Supervisory Circuit
logo
Microsemi Corporation
SG1543 MICROSEMI-SG1543 Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG1543 MICROSEMI-SG1543_1 Datasheet
244Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
logo
Maxim Integrated Produc...
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
   POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
logo
Unisonic Technologies
3521 UTC-3521_10 Datasheet
210Kb / 6P
   PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com