データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT4053D データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74HCT4053D
部品情報  Triple 2-channel analog multiplexer/demultiplexer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4053D データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT4053D Datasheet HTML 2Page - NXP Semiconductors 74HCT4053D Datasheet HTML 3Page - NXP Semiconductors 74HCT4053D Datasheet HTML 4Page - NXP Semiconductors 74HCT4053D Datasheet HTML 5Page - NXP Semiconductors 74HCT4053D Datasheet HTML 6Page - NXP Semiconductors 74HCT4053D Datasheet HTML 7Page - NXP Semiconductors 74HCT4053D Datasheet HTML 8Page - NXP Semiconductors 74HCT4053D Datasheet HTML 9Page - NXP Semiconductors 74HCT4053D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
74HC_HCT4053
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 8 — 19 July 2012
6 of 32
NXP Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
[3]
For SO16 packages: above 70
C the value of P
tot derates linearly with 8 mW/K.
For SSOP16 and TSSOP16 packages: above 60
C the value of P
tot derates linearly with 5.5 mW/K.
For DHVQFN16 packages: above 60
C the value of P
tot derates linearly with 4.5 mW/K.
9.
Recommended operating conditions
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
74HC4053
74HCT4053
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
see Figure 7
and Figure 8
VCC  GND
2.0
5.0
10.0
4.5
5.0
5.5
V
VCC  VEE
2.0
5.0
10.0
2.0
5.0
10.0
V
VI
input voltage
GND
-
VCC
GND
-
VCC
V
VSW
switch voltage
VEE
-VCC
VEE
-VCC
V
Tamb
ambient temperature
40
+25
+125
40
+25
+125
C
t/V
input transition rise and fall
rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC =6.0 V
-
-
83
-
-
-
ns/V
VCC = 10.0 V
-
-
31
-
-
-
ns/V
Fig 7.
Guaranteed operating area as a function of the
supply voltages for 74HC4053
Fig 8.
Guaranteed operating area as a function of the
supply voltages for 74HCT4053
VCC − VEE (V)
010
8
46
2
001aad545
4
6
2
8
10
0
operating area
VCC − GND
(V)
VCC − VEE (V)
010
8
46
2
001aad546
4
6
2
8
10
0
VCC − GND
(V)
operating area


同様の部品番号 - 74HCT4053D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT4053D PHILIPS-74HCT4053D Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74HCT4053D NXP-74HCT4053D Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053D NXP-74HCT4053D Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Toshiba Semiconductor
74HCT4053D TOSHIBA-74HCT4053D Datasheet
272Kb / 12P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-17 Rev.2.0
logo
Nexperia B.V. All right...
74HCT4053D NEXPERIA-74HCT4053D Datasheet
403Kb / 27P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 12 - 9 February 2023
More results

同様の説明 - 74HCT4053D

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com