データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-0500 データシート(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-0500
部品情報  Single Channel, High Speed Optocouplers TTL compatible
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0500 データシート(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0500 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0500 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
1.080 ± 0.320
(0.043 ± 0.013)
2.54 ± 0.25
(0.100 ± 0.010)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
5° TYP.
0.254 + 0.076
- 0.051
(0.010+ 0.003)
- 0.002)
7.62 ± 0.25
(0.300 ± 0.010)
6.35 ± 0.25
(0.250 ± 0.010)
9.65 ± 0.25
(0.380 ± 0.010)
1.78 (0.070) MAX.
1.19 (0.047) MAX.
A XXXXZ
YYWW
DATE CODE
DIMENSIONS IN MILLIMETERS AND (INCHES).
5
6
7
8
4
3
2
1
OPTION CODE*
UL
RECOGNITION
UR
TYPE NUMBER
*MARKING CODE LETTER FOR OPTION NUMBERS
"L" = OPTION 020
"V" = OPTION 060
OPTION NUMBERS 300 AND 500 NOT MARKED.
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
3.56 ± 0.13
(0.140 ± 0.005)
Package Outline Drawings
8-Pin DIP Package (6N135/6, HCPL-2502)
8-Pin DIP Package with Gull Wing Surface Mount Option 300 (6N135/6)
0.635 ± 0.25
(0.025 ± 0.010)
12° NOM.
9.65 ± 0.25
(0.380 ± 0.010)
0.635 ± 0.130
(0.025 ± 0.005)
7.62 ± 0.25
(0.300 ± 0.010)
5
6
7
8
4
3
2
1
9.65 ± 0.25
(0.380 ± 0.010)
6.350 ± 0.25
(0.250 ± 0.010)
1.016 (0.040)
1.27 (0.050)
10.9 (0.430)
2.0 (0.080)
LAND PATTERN RECOMMENDATION
1.080 ± 0.320
(0.043 ± 0.013)
3.56 ± 0.13
(0.140 ± 0.005)
1.780
(0.070)
MAX.
1.19
(0.047)
MAX.
2.54
(0.100)
BSC
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
0.254 + 0.076
- 0.051
(0.010+ 0.003)
- 0.002)


同様の部品番号 - HCPL-0500

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-0500 HP-HCPL-0500 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0500 AVAGO-HCPL-0500 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
HCPL-0500 AVAGO-HCPL-0500 Datasheet
691Kb / 17P
   HCPL-2502/0500/0501 Single Channel, High Speed Optocouplers
HCPL-0500 AVAGO-HCPL-0500 Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCPL-0500 AVAGO-HCPL-0500 Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
More results

同様の説明 - HCPL-0500

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com