データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-902J データシート(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-902J
部品情報  High Speed Digital Isolators 15 ns max. propagation delay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-902J データシート(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-902J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-902J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-902J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-902J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-902J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-902J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-902J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-902J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-902J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
HCPL-090J, HCPL-091J and HCPL-092J Narrow Body SOIC-16 Package
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Capacitance (Input-Output)[1]
C
I-O
pF
f = 1 MHz
Single Channel
1.1
Dual Channel
2.0
Quad Channel
4.0
Thermal Resistance
θ
JCT
°C/W
Thermocouple located at
8-Pin PDIP
54
center underside of package
8-Pin SOIC
144
16-Pin SOIC Narrow Body
41
16-Pin SOIC Wide Body
28
Package Power Dissipation
P
PD
mW
8-Pin PDIP
150
8-Pin SOIC
150
16-Pin SOIC Narrow Body
150
16-Pin SOIC Wide Body
150
Notes:
1. Single and dual channels device are considered two-terminal devices: pins 1-4 shorted and pins 5-8 shorted. Quad channel devices are con-
sidered two-terminal devices: pins 1-8 shorted and pins 9-16 shorted.
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, Avago recommends that all inte-
grated circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from
performance degradation to complete failure.
1
Pin 1 indent
8
0.228 (5.791)
0.244 (6.197)
0.386 (9.802)
0.394 (9.999)
0.152 (3.861)
0.157 (3.988)
0.013 (0.330)
0.020 (0.508)
0.040 (1.016)
0.060 (1.524)
0.040 (1.020)
0.050 (1.270)
0.054 (1.372)
0.072 (1.800)
0.004 (0.102)
0.012 (0.300)
0.016 (0.406)
0.050 (1.270)
0.007 (0.200)
0.013 (0.330)
DIMENSIONS: INCHES (MILLIMETERS) MIN
MAX


同様の部品番号 - HCPL-902J

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-902J HP-HCPL-902J Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-902J-000E AVAGO-HCPL-902J-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-902J-500 AVAGO-HCPL-902J-500 Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-902J-500E AVAGO-HCPL-902J-500E Datasheet
319Kb / 14P
   High Speed Digital Isolators
More results

同様の説明 - HCPL-902J

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Fairchild Semiconductor
MM74HC573WM FAIRCHILD-MM74HC573WM Datasheet
104Kb / 8P
   Typical propagation delay: 18 ns
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com