データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4752A データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 1N4752A
部品情報  Zener Diodes Operating and Storage Temperature Range -65 to 200
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4752A データシート(HTML) 3 Page - Fairchild Semiconductor

  1N4752A Datasheet HTML 1Page - Fairchild Semiconductor 1N4752A Datasheet HTML 2Page - Fairchild Semiconductor 1N4752A Datasheet HTML 3Page - Fairchild Semiconductor 1N4752A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N4728A - 1N4758A Rev. H3
3
Top Mark Information (Continued)
General Requirements:
1.0 Cathode Band
2.0 First Line: F - Fairchild Logo
3.0 Second Line: Device name - For 1Nxx series: 3rd to 4th characters of the device name.
For BZxx series: 4th to 6th characters of the device name.
4.0 Third Line: Device name - For 1Nxx series: 5th to 6th characters of the device name.
For BZXyy series: Voltage rating
5.0 Third Line: Device name - For 1Nxx series: 7th to 8th characters of the device name.
(the 8th character is the large die identification)
For BZXyy series: Large Die Identification character
6.0 Fourth Line: Date Code - Two Digit - Six Weeks Date Code
Where: X represents the last digit of the calendar year
Y represents the Six weeks numeric code
7.0 Devices shall be marked as required in the device specification (PID or FSC Test Spec).
8.0 Maximum no. of marking lines: 5
9.0 Maximum no. of digits per line: 3
10.0 FSC logo must be 20 % taller than the alphanumeric marking and should occupy the 2 characters of the specified line.
11.0 Marking Font: Arial (Except FSC Logo)
12.0 First character of each marking line must be aligned vertically.
13.0 All device markings must be based on Fairchild device specification.
F
47
36
A
F
XY
1st line: F - Fairchild Logo
2nd line: Device Name - 3rd to 4th characters of device name for 1Nxx series
or 4th to 6th characters for BZXyy series
3rd line: Device Name - 5th to 6th characters of device name for 1Nxx series
or Voltage rating for BZXyy series
4th line: Device Name - 7th to 8th characters of device name for 1Nxx series
or Large Die identification only for BZXyy series
5th line: Date Code - Two Digit - Six Weeks Date Code


同様の部品番号 - 1N4752A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1N4752A VISHAY-1N4752A Datasheet
117Kb / 5P
   Zener Diodes
Rev. 1.8, 22-Feb-06
logo
Tak Cheong Electronics ...
1N4752A TAK_CHEONG-1N4752A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
logo
Vishay Siliconix
1N4752A VISHAY-1N4752A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4752A FAIRCHILD-1N4752A Datasheet
666Kb / 4P
   Zener Diodes
logo
Diotech Company.
1N4752A DIOTECH-1N4752A Datasheet
946Kb / 3P
   1W EPITAXIAL ZENER DIODE
More results

同様の説明 - 1N4752A

メーカー部品番号データシート部品情報
logo
Laird Tech Smart Techno...
CM7060W101R-10 LSTD-CM7060W101R-10 Datasheet
161Kb / 1P
   STORAGE TEMPERATURE RANGE
logo
Shoulder Electronics Li...
HDV15300323301 SHOULDER-HDV15300323301 Datasheet
188Kb / 3P
   Storage Temperature Range
HDF798ATS4 SHOULDER-HDF798ATS4 Datasheet
210Kb / 8P
   Storage Temperature Range
HDBF11535A21 SHOULDER-HDBF11535A21 Datasheet
178Kb / 8P
   Storage Temperature Range
logo
Projects Unlimited, Inc...
AI-4033-TWT-R PUI-AI-4033-TWT-R Datasheet
191Kb / 1P
   REVISED OPERATING & STORAGE TEMPERATURE
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
JIEJIE MICROELECTRONICS...
JCT825I JIEJIE-JCT825I Datasheet
273Kb / 4P
   Storage junction temperature range
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
   Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
logo
Murata Manufacturing Co...
935132424522-XXN MURATA1-935132424522-XXN Datasheet
220Kb / 2P
   Extended operating temperature range (up to 200?? with low capacitance variation.
Last updated06/14/2
935132424547-XXN MURATA1-935132424547-XXN Datasheet
220Kb / 2P
   Extended operating temperature range (up to 200?? with low capacitance variation.
Last updated06/14/2022
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com