データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-HB64-QU0XX データシート(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-HB64-QU0XX
部品情報  Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HB64-QU0XX データシート(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HB64-QU0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB64-QU0XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Absolute Maximum Ratings
TJ = 25°C
Parameter
Red
Green and Blue
Unit
DC Forward Current [1]
50
30
mA
Peak Forward Current
100 [2]
100 [3]
mA
Power Dissipation
120
116
mW
Reverse Voltage
5 (IR = 100 μA)
5 (IR = 10 μA)
V
LED Junction Temperature
130
110
°C
Operating Temperature Range
-40 to +100
-40 to +85
°C
Storage Temperature Range
-40 to +100
-40 to +100
°C
Notes:
1. Derate linearly as shown in Figure 4.
2. Duty Factor 30%, frequency 1KHz.
3. Duty Factor 10%, frequency 1KHz.
Electrical / Optical Characteristics
TJ = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
Red
Green
Blue
VF
1.8
2.8
2.8
2.1
3.2
3.2
2.4
3.8
3.8
VIF = 20 mA
Reverse Voltage
Red
Green & blue
VR
5
5
V
IF = 100 μA
IF = 10 μA
Dominant Wavelength [1]
Red
Green
Blue
Od
618
520
460
626
525
470
630
540
480
nm
IF = 20 mA
Peak Wavelength
Red
Green
Blue
OPEAK
634
516
464
nm
Peak of Wavelength of
Spectral Distribution
at IF = 20 mA
Thermal Resistance
R
TJ-PIN
240
°C/W
LED Junction-to-Pin
Luminous Efficacy [2]
Red
Green
Blue
KV
150
530
65
lm/W
Emitted Luminous
Power/Emitted Radiant
Power
Notes:
1. The dominant wavelength is derived from the chromaticity Diagram and represents the color of the lamp
2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = IV/
KV where IV is the luminous intensity in candelas and KV is
the luminous efficacy in lumens/watt.


同様の部品番号 - HLMP-HB64-QU0XX

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB61 AVAGO-HLMP-HB61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HB61-QU0ZZ AVAGO-HLMP-HB61-QU0ZZ Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HB63 AVAGO-HLMP-HB63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HB63-QU0XX AVAGO-HLMP-HB63-QU0XX Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HB65 AVAGO-HLMP-HB65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results

同様の説明 - HLMP-HB64-QU0XX

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
   Precision Optical Performance Red New 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com