データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z8S18020VSG データシート(PDF) 71 Page - Zilog, Inc.

部品番号 Z8S18020VSG
部品情報  Two Chain-Linked DMA Channels
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZILOG [Zilog, Inc.]
ホームページ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8S18020VSG データシート(HTML) 71 Page - Zilog, Inc.

Back Button Z8S18020VSG Datasheet HTML 63Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 64Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 65Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 66Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 67Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 68Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 69Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 70Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 71Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 71 / 71 page
background image
<5<.
ZiLOG
'PJCPEGF </KETQRTQEGUUQT
&5</2
2 4 ' . + / + 0 # 4 ;

14&'4+0)+0(14/#6+10
For fast results, contact your local ZiLOG sales office for
assistance in ordering the part(s) required.
2TG%JCTCEVGTK\CVKQP 2TQFWEV
The product represented by this document is newly introduced
and ZiLOG has not completed the full characterization of the
product. The document states what ZiLOG knows about this
product at this time, but additional features or non-conformance
with some aspects of the document may be found, either by
ZiLOG or its customers in the course of further application and
characterization work. In addition, ZiLOG cautions that delivery
may be uncertain at times, due to start-up yield issues.
©2000 by ZiLOG, Inc. All rights reserved. Information in this
publication concerning the devices, applications, or technology
described is intended to suggest possible uses and may be
superseded. ZiLOG, INC. DOES NOT ASSUME LIABILITY
FOR OR PROVIDE A REPRESENTATION OF ACCURACY
OF THE INFORMATION, DEVICES, OR TECHNOLOGY
DESCRIBED IN THIS DOCUMENT. ZiLOG ALSO DOES
NOT
ASSUME
LIABILITY
FOR
INTELLECTUAL
PROPERTY
INFRINGEMENT
RELATED
IN
ANY
MANNER TO USE OF INFORMATION, DEVICES, OR
TECHNOLOGY DESCRIBED HEREIN OR OTHERWISE.
Except with the express written approval of ZiLOG, use of
information, devices, or technology as critical components of
life support systems is not authorized. No licenses are conveyed,
implicitly or otherwise, by this document under any intellectual
property rights.
ZiLOG, Inc.
910 East Hamilton Avenue, Suite 110
Campbell, CA 95008
Telephone (408) 558-8500
FAX (408) 558-8300
Internet: http://www.zilog.com
%QFGU
5RGGF
   /*\
   /*\
   /*\
2CEMCIG
2  2KP 2NCUVKE &+2
8 2KP2.%%
( 2KP 3(2
6GORGTCVWTG
5  u% VQ u%
'  u% VQ u%
'PXKTQPOGPVCN
%  2NCUVKE 5VCPFCTF
'ZCORNG
< 5  2 5 %
KU C <5 /*\ 2KP &+2  VQ % 2NCUVKE 5VCPFCTF (NQY
'PXKTQPOGPVCN (NQY
6GORGTCVWTG
2CEMCIG
5RGGF
2TQFWEV 0WODGT
<K.1) 2TGHKZ


同様の部品番号 - Z8S18020VSG

メーカー部品番号データシート部品情報
logo
Zilog, Inc.
Z8S18020VSC ZILOG-Z8S18020VSC Datasheet
387Kb / 70P
   ENHANCED Z180 MICROPROCESSOR
More results

同様の説明 - Z8S18020VSG

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
Infineon Technologies A...
PEB20534 INFINEON-PEB20534 Datasheet
4Mb / 439P
   DMA Supported Serial Communication Controller with 4 Channels
Version 2.1 May 2000
logo
Sanyo Semicon Device
LB8628PL SANYO-LB8628PL Datasheet
76Kb / 6P
   Two Saturated Drive Channels
logo
ELMOS Semiconductor AG
E981.07 ELMOS-E981.07 Datasheet
533Kb / 46P
   Two independent operating channels
logo
Siemens Semiconductor G...
PEB20534 SIEMENS-PEB20534 Datasheet
1Mb / 442P
   DMA Supported Serial Communication Controller with 4 Channels DSCC4
logo
Exar Corporation
XR88C681J-F EXAR-XR88C681J-F Datasheet
2Mb / 101P
   Two Full Duplex, Independent Channels
logo
SONiX Technology Compan...
SN65042 SONIX-SN65042 Datasheet
169Kb / 7P
   Two Channels Direct Drive Speech Controller
logo
STMicroelectronics
SPC56XXMB STMICROELECTRONICS-SPC56XXMB Datasheet
58Kb / 4P
   Two LIN channels with jumper enable
logo
SONiX Technology Compan...
SN65061 SONIX-SN65061 Datasheet
168Kb / 7P
   Two Channels Direct Drive Speech Controller
SN65031 SONIX-SN65031 Datasheet
169Kb / 7P
   Two Channels Direct Drive Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com