データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UCZ1V470MCL1GS データシート(PDF) 1 Page - Nichicon corporation

部品番号 UCZ1V470MCL1GS
部品情報  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NICHICON [Nichicon corporation]
ホームページ  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCZ1V470MCL1GS データシート(HTML) 1 Page - Nichicon corporation

  UCZ1V470MCL1GS Datasheet HTML 1Page - Nichicon corporation UCZ1V470MCL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZ
series
Chip Type, High Reliability.
Low temperature ESR specification.
Chip type, high temperature range, for +125°C use.
Added ESR specification after the test at -40°C.
Applicable to automatic mounting machine fed with carrier tape.
Compliant to the RoHS directive (2002/95/EC).
Specifications
Performance Characteristics
Item
CZ
CJ
Code
A
V
10
C
16
E
25
V
35
H
50
J
63
K
80
2A
100
Rated Voltage
U
1
C
2
Z
3
1
4
V
5
4
6
7
7
0
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Size code
Capacitance tolerance (
±20%)
Rated capacitance (
47
µF)
Rated voltage (35V)
Series name
Type
Configration
Standard
Vibration Resistance
L
S
Code
(
φ 6.3) Standard
please contact us for vibration resistance.
Voltage (C:35V)
Capacitance
Series
Plastic platform
0.3MAX.
L
±0.3
C
±0.2
H
Positive
Negative
(
φ 8 to φ10) Standard
Plastic platform
0.3MAX.
L
±0.5
C
±0.2
H
Positive
Negative
Lot No.
Lot No.
Capacitance
Series
Trade mark
Voltage (V : 35V )
A
B
C
E
L
H
6.3
× 5.8
2.4
6.6
6.6
2.2
5.8
0.5 to 0.8
8
× 10
2.9
8.3
8.3
3.1
10
0.8 to 1.1
10
× 10
3.2
10.3
10.3
4.5
10
0.8 to 1.1
6.3
× 7.7
2.4
6.6
6.6
2.2
7.7
0.5 to 0.8
(mm)
Standard
φ D × L
A
B
C
E
L
H
8
× 10
2.9
8.3
8.3
3.1
10
1.1 to 1.5
10
× 10
3.2
10.3
10.3
4.5
10
1.1 to 1.5
(mm)
Vibration Resistance
φ D × L
(
φ 8 to φ10) Vibration Resistance
Package code
Lot No.
Capacitance
Series
Trade mark
Voltage (V : 35V )
H
0.3 MAX.
C
±0.2
L
±1.0
Plastic platform
Aid electrode
Chip Type
Low ESR
Long Life
ALUMINUM ELECTROLYTIC CAPACITORS
Category Temperature Range
–40 to +125°C
Rated Voltage Range
10 to 100V
Rated Capacitance Range
10 to 470 µF
± 20% at 120Hz, 20°C
Capacitance Tolerance
Measurement frequency : 120Hz
After 3000 hours (1000hours for
φ6.3 × 5.8L, 2000hours for
φD=6.3 × 7.7L) application of rated voltage at 125°C,
capacitors meet the characteristics requirements listed
below.
Z–40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
10
12
16
8
25
6
50
4
63
3
80
3
100
3
Rated voltage (V)
tan
δ (MAX.)
10
0.30
16
0.23
25
0.18
50
0.16
63
0.12
80
0.12
100
0.10
Measurement frequency : 120Hz at 20°C
Capacitance Change
Leakage current
tan
δ
Within ± 30% of the initial capacitance value
Less than or equal to the initial specified value
300% or less than the initial specified value
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
The capacitors are kept on a hot plate for 30 seconds,
which is maintained at 250°C. The capacitors shall meet
the characteristic requirements listed at right when they
are removed from the plate and restored to 20°C.
Black print on the case top.
After storing the capacitors under no load at 125°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Capacitance Change
Leakage current
tan
δ
Within ±10% of the initial capacitance value
Less than or equal to the initial specified value
Less than or equal to the initial specified value
Shelf Life
Resistance to
soldering heat
Marking
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3(
µA), whichever is greater.
Type numbering system (Example : 35V 47µF)
35
4
35
0.16
CAT.8100B


同様の部品番号 - UCZ1V470MCL1GS

メーカー部品番号データシート部品情報
logo
Nichicon corporation
UCZ1V470MCL1GS NICHICON-UCZ1V470MCL1GS Datasheet
743Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

同様の説明 - UCZ1V470MCL1GS

メーカー部品番号データシート部品情報
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com