データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2842 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2842
部品情報  LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2842 データシート(HTML) 3 Page - Texas Instruments

  LM2842 Datasheet HTML 1Page - Texas Instruments LM2842 Datasheet HTML 2Page - Texas Instruments LM2842 Datasheet HTML 3Page - Texas Instruments LM2842 Datasheet HTML 4Page - Texas Instruments LM2842 Datasheet HTML 5Page - Texas Instruments LM2842 Datasheet HTML 6Page - Texas Instruments LM2842 Datasheet HTML 7Page - Texas Instruments LM2842 Datasheet HTML 8Page - Texas Instruments LM2842 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM2841, LM2842
www.ti.com
SNVS540H – MARCH 2009 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
VIN
-0.3V to +45V
SHDN
-0.3V to (VIN+0.3V) <45V
SW Voltage
-0.3V to +45V
CB Voltage above SW Voltage
7V
FB Voltage
-0.3V to +5V
Maximum Junction Temperature
150°C
Power Dissipation(3)
Internally Limited
Lead Temperature
300°C
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
ESD Susceptibility(4)
Human Body Model
2 kV
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be ensured. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD (MAX) = (TJ(MAX) − TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and
the regulator will go into thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage. Thermal
shutdown engages at TJ=175°C (typ.) and disengages at TJ= 155°C (typ).
(4)
Human Body Model, applicable std. JESD22-A114-C.
Operating Conditions
Operating Junction Temperature Range (1)
−40°C to +125°C
Storage Temperature
−65°C to +150°C
Input Voltage VIN
4.5V to 42V
SW Voltage
Up to 42V
(1)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Electrical Characteristics
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range ( TJ = −40°C to +125°C). Minimum and Maximum limits are specified through test, design, or statistical
correlation. Typical values represent the most likely parametric norm at TJ = +25°C, and are provided for reference purposes
only. Unless otherwise stated the following conditions apply: VIN = 12V.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Max (1)
Units
IQ
Quiescent current
SHDN = 0V
16
40
µA
Device On, Not Switching
1.30
1.75
mA
Device On, No Load
1.35
1.85
RDSON
Switch ON resistance
See(3)
0.9
1.6
ILSW
Switch leakage current
VIN = 42V
0.0
0.5
µA
ICL
Switch current limit
LM2840 (4)
525
900
mA
LM2841 (4)
525
900
mA
LM2842 (4)
1.15
1.7
A
IFB
Feedback pin bias current
LM2840/41/42 (5)
0.1
1.0
µA
VFB
FB Pin reference voltage
0.747
0.765
0.782
V
(1)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
Includes the bond wires, RDSON from VIN pin to SW pin.
(4)
Current limit at 0% duty cycle. May be lower at higher duty cycle or input voltages below 6V.
(5)
Bias currents flow into pin.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2841 LM2842


同様の部品番号 - LM2842

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2842 NSC-LM2842 Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM2842 TI-LM2842 Datasheet
848Kb / 20P
[Old version datasheet]   Input Step-Down DC/DC Regulator in Thin SOT
LM2842-Q1 TI-LM2842-Q1 Datasheet
848Kb / 20P
[Old version datasheet]   Input Step-Down DC/DC Regulator in Thin SOT
logo
National Semiconductor ...
LM2842XMK-ADJL NSC-LM2842XMK-ADJL Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM2842XMK-ADJL TI1-LM2842XMK-ADJL Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
More results

同様の説明 - LM2842

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2840 TI1-LM2840 Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
National Semiconductor ...
LM2841 NSC-LM2841 Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM3671 TI-LM3671_15 Datasheet
6Mb / 36P
[Old version datasheet]   LM3671/-Q1 2-MHz, 600-mA Step-Down DC-DC Converter6
LM2841 TI-LM2841_15 Datasheet
848Kb / 20P
[Old version datasheet]   Input Step-Down DC/DC Regulator in Thin SOT
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
[Old version datasheet]   The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
[Old version datasheet]   The LM2842 is a PWM DC/DC buck (step-down) regulator.
LP8728C-Q1 TI1-LP8728C-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728C-Q1 Quad-Output Step-Down DC-DC Converter
LP8728B-Q1 TI1-LP8728B-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728B-Q1 Quad-Output Step-Down DC-DC Converter
LP8728-Q1 TI1-LP8728-Q1 Datasheet
571Kb / 18P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LP8728D-Q1 TI1-LP8728D-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728D-Q1 Quad-Output Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com