データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFR9224TF データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 SFR9224TF
部品情報  Avalanche Rugged Technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFR9224TF データシート(HTML) 5 Page - Fairchild Semiconductor

  SFR9224TF Datasheet HTML 1Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 2Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 3Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 4Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 5Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 6Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
P-CHANNEL
POWER MOSFET
Fig 12. Gate Charge Test Circuit & Waveform
Fig 13. Resistive Switching Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
E
AS =
L
L IAS
2
----
2
1
--------------------
BV
DSS -- VDD
BV
DSS
V
in
V
out
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Charge
V
GS
-10V
Q
g
Q
gs
Q
gd
Vary t
p to obtain
required peak I
D
-10V
V
DD
C
L
L
V
DS
I
D
R
G
t
p
DUT
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
I
D (t)
Time
V
DD
( 0.5 rated VDS )
-10V
V
out
V
in
R
L
DUT
R
G
-3mA
V
GS
Current Sampling (IG)
Resistor
Current Sampling (ID)
Resistor
DUT
V
DS
300nF
50K
200nF
12V
Same Type
as DUT
“ Current Regulator ”
R
1
R
2
SFR/U9224


同様の部品番号 - SFR9224TF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SFR9224 FAIRCHILD-SFR9224 Datasheet
265Kb / 7P
   Advanced Power MOSFET
logo
ML Accessories Limited....
SFR9224AT KNIGHTSBRIDGE-SFR9224AT Datasheet
158Kb / 1P
   13A 2G SP Switched Socket with Dual USB AA
28/03/2024
SFR9224BC KNIGHTSBRIDGE-SFR9224BC Datasheet
221Kb / 1P
   13A 2G SP Switched Socket with Dual USB AA
02/04/2024
SFR9224BCG KNIGHTSBRIDGE-SFR9224BCG Datasheet
218Kb / 1P
   13A 2G SP Switched Socket with Dual USB AA
02/04/2024
SFR9224BCW KNIGHTSBRIDGE-SFR9224BCW Datasheet
213Kb / 1P
   13A 2G SP Switched Socket with Dual USB AA
02/04/2024
More results

同様の説明 - SFR9224TF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SSP4N80AS FAIRCHILD-SSP4N80AS Datasheet
192Kb / 7P
   Avalanche Rugged Technology
logo
Kersemi Electronic Co.,...
IRFM120A KERSEMI-IRFM120A Datasheet
725Kb / 6P
   Avalanche Rugged Technology
logo
Fairchild Semiconductor
IRFR130ATM FAIRCHILD-IRFR130ATM Datasheet
263Kb / 7P
   Avalanche Rugged Technology
IRFU120ATU FAIRCHILD-IRFU120ATU Datasheet
258Kb / 7P
   Avalanche Rugged Technology
IRFM120ATF FAIRCHILD-IRFM120ATF Datasheet
274Kb / 7P
   Avalanche Rugged Technology
SFR9220TF FAIRCHILD-SFR9220TF Datasheet
259Kb / 7P
   Avalanche Rugged Technology
logo
Inchange Semiconductor ...
BUZ11A ISC-BUZ11A Datasheet
66Kb / 2P
   Avalanche rugged technology
logo
Fairchild Semiconductor
SFU9120TU FAIRCHILD-SFU9120TU Datasheet
234Kb / 7P
   Avalanche Rugged Technology
IRFW530ATM FAIRCHILD-IRFW530ATM Datasheet
261Kb / 7P
   Avalanche Rugged Technology
SFR9024TF FAIRCHILD-SFR9024TF Datasheet
236Kb / 7P
   Avalanche Rugged Technology
IRLU110ATU FAIRCHILD-IRLU110ATU Datasheet
246Kb / 9P
   Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com