データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM25C020 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FM25C020
部品情報  2K-Bit SPI??Interface Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM25C020 データシート(HTML) 3 Page - Fairchild Semiconductor

  FM25C020 Datasheet HTML 1Page - Fairchild Semiconductor FM25C020 Datasheet HTML 2Page - Fairchild Semiconductor FM25C020 Datasheet HTML 3Page - Fairchild Semiconductor FM25C020 Datasheet HTML 4Page - Fairchild Semiconductor FM25C020 Datasheet HTML 5Page - Fairchild Semiconductor FM25C020 Datasheet HTML 6Page - Fairchild Semiconductor FM25C020 Datasheet HTML 7Page - Fairchild Semiconductor FM25C020 Datasheet HTML 8Page - Fairchild Semiconductor FM25C020 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.fairchildsemi.com
FM25C020U Rev. B
Standard Voltage 4.5
V
CC 5.5V Specifications
Absolute Maximum Ratings (Note 1)
Ambient Storage Temperature
-65
°C to +150°C
All Input or Output Voltage with
Respect to Ground
+6.5V to -0.3V
Lead Temp. (Soldering, 10 sec.)
+300
°C
ESD Rating
2000V
Operating Conditions
Ambient Operating Temperature
FM25C020U
0
°C to +70°C
FM25C020UE
-40
°C to +85°C
FM25C020UV
-40
°C to +125°C
Power Supply (V
CC)
4.5V to 5.5V
DC and AC Electrical Characteristics 4.5V
≤ V
CC ≤ 5.5V (unless otherwise specified)
Symbol
Parameter
Conditions
Min
Max
Units
I
CC
Operating Current
/CS = V
IL
3mA
ICCSB
Standby Current
/CS = VCC
50
µA
I
IL
Input Leakage
V
IN = 0 to VCC
-1
+1
µA
I
OL
Output Leakage
V
OUT = GND to VCC
-1
+1
µA
VIL
CMOS Input Low Voltage
-0.3
VCC * 0.3
V
V
IH
CMOS Input High Voltage
0.7 * V
CC
V
CC + 0.3
V
V
OL
Output Low Voltage
I
OL = 1.6 mA
0.4
V
VOH
Output High Voltage
IOH = -0.8 mA
VCC - 0.8
V
f
OP
SCK Frequency
2.1
MHz
t
RI
Input Rise Time
2.0
µs
tFI
Input Fall Time
2.0
µs
t
CLH
Clock High Time
(Note 2)
190
ns
t
CLL
Clock Low Time
(Note 2)
190
ns
tCSH
Min /CS High Time
(Note 3)
240
ns
t
CSS
/CS Setup Time
240
ns
t
DIS
Data Setup Time
100
ns
tHDS
/HOLD Setup Time
90
ns
t
CSN
/CS Hold Time
240
ns
t
DIN
Data Hold Time
100
ns
tHDN
/HOLD Hold Time
90
ns
t
PD
Output Delay
C
L = 200 pF
240
ns
t
DH
Output Hold Time
0
ns
tLZ
/HOLD to Output Low Z
100
ns
t
DF
Output Disable Time
C
L = 200 pF
240
ns
t
HZ
/HOLD to Output High Z
100
ns
tWP
Write Cycle Time
1–16 Bytes
10
ms
Capacitance T
A = 25°C, f = 2.1/1 MHz (Note 4)
Symbol
Test
Typ Max Units
C
OUT
Output Capacitance
3
8
pF
C
IN
Input Capacitance
2
6
pF
AC Test Conditions
Output Load
C
L = 200 pF
Input Pulse Levels
0.1 * VCC – 0.9 * VCC
Timing Measurement Reference Level
0.3 * V
CC - 0.7 * VCC
Note 1: Stress above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only, and functional operation of the
device at these or any other conditions above those indicated in the operational sections of the specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Note 2: The f
OP frequency specification specifies a minimum clock period of 1/fOP. Therefore, for every fOP clock cycle, tCLH + tCLL must be equal to or greater than 1/fOP. For
example, for a f
OP of 2.1MHz, the period equals 476ns. In this case if t CLH = is set to 190ns, then tCLL must be set to a minimum of 286ns.
Note 3: /CS must be brought high for a minimum of tCSH between consecutive instruction cycles.
Note 4: This parameter is periodically sampled and not 100% tested.


同様の部品番号 - FM25C020

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM25C040 FAIRCHILD-FM25C040 Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040UE FAIRCHILD-FM25C040UE Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040UV FAIRCHILD-FM25C040UV Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041 FAIRCHILD-FM25C041 Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
More results

同様の説明 - FM25C020

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
   CMOS 2K/4K-bit SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com