データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM25C160U データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FM25C160U
部品情報  16K-Bit SPI??Interface Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM25C160U データシート(HTML) 2 Page - Fairchild Semiconductor

  FM25C160U Datasheet HTML 1Page - Fairchild Semiconductor FM25C160U Datasheet HTML 2Page - Fairchild Semiconductor FM25C160U Datasheet HTML 3Page - Fairchild Semiconductor FM25C160U Datasheet HTML 4Page - Fairchild Semiconductor FM25C160U Datasheet HTML 5Page - Fairchild Semiconductor FM25C160U Datasheet HTML 6Page - Fairchild Semiconductor FM25C160U Datasheet HTML 7Page - Fairchild Semiconductor FM25C160U Datasheet HTML 8Page - Fairchild Semiconductor FM25C160U Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.fairchildsemi.com
FM25C160U Rev. B
Connection Diagram
Dual-In-Line Package (N) and SO Package (M8)
Top View
See Package Number N08E (N) and M08A (M8)
Pin Names
/CS
Chip Select Input
SO
Serial Data Output
/WP
Write Protect
V
SS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
/HOLD
Suspends Serial Data
V
CC
Power Supply
Ordering Information
FM
25
C
XX
U
LZ
E
XX
Letter Description
Package
N
8-pin DIP
M8
8-pin SO
Temp. Range
None
0 to 70
°C
V
-40 to +125
°C
E
-40 to +85
°C
Voltage Operating Range
Blank
4.5V to 5.5V
L
2.7V to 5.5V
LZ
2.7V to 5.5V and
<1
µA Standby Current
Ultralite
CS100UL Process
Density/Mode
160
16K, mode 0
C
CMOS technology
Interface
25
SPI
FM
Fairchild Nonvolatile
Memory Prefix
/CS
SO
/WP
VSS
VCC
/HOLD
SCK
SI
8
7
6
5
1
2
3
4
FM25C160U


同様の部品番号 - FM25C160U

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
FM25C160-GA RAMTRON-FM25C160-GA Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160-S ETC1-FM25C160-S Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
More results

同様の説明 - FM25C160U

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
logo
Fairchild Semiconductor
FM25C020U FAIRCHILD-FM25C020U Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
logo
Microchip Technology
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
   16K SPI Bus Serial EEPROM
2009
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
25C160 MICROCHIP-25C160 Datasheet
241Kb / 22P
   16K SPI Bus Serial EEPROM
07/12/04
25AA160 MICROCHIP-25AA160_13 Datasheet
327Kb / 22P
   16K SPI Bus Serial EEPROM
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com