データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP104EVM データシート(PDF) 4 Page - Texas Instruments

部品番号 TMP104EVM
部品情報  TMP104EVM Evaluation Board and Software Tutorial
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP104EVM データシート(HTML) 4 Page - Texas Instruments

  TMP104EVM Datasheet HTML 1Page - Texas Instruments TMP104EVM Datasheet HTML 2Page - Texas Instruments TMP104EVM Datasheet HTML 3Page - Texas Instruments TMP104EVM Datasheet HTML 4Page - Texas Instruments TMP104EVM Datasheet HTML 5Page - Texas Instruments TMP104EVM Datasheet HTML 6Page - Texas Instruments TMP104EVM Datasheet HTML 7Page - Texas Instruments TMP104EVM Datasheet HTML 8Page - Texas Instruments TMP104EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
I C
2
MSP430F2112
TMP104D
TMP104C
TMP104B
TMP104A
10-Pin
Connector
JTAG Header
One-Wire UART
TMP104EVM Hardware Setup
www.ti.com
2.1
Theory of Operation for the TMP104 Hardware
Figure 3 shows the basic interactions that occur on the TMP104 Test Board. The board requires power
and I
2C™ communication with the SM-USB-DIG. This configuration allows the TMP104EVM software to
communicate with the SM-USB-DIG and the TMP104 Test Board. In addition, test points allow for
application-specific connections to be used on the TMP104 Test Board.
Figure 3. TMP104EVM Board Block Diagram
2.2
Signal Definitions of H1 (10-Pin Male Connector Socket)
Table 3 shows the pinout for the 10-pin connector socket used to communicate between the TMP104EVM
and the SM-USB-DIG. It should be noted that the TMP104EVM uses only the necessary I
2C
communication lines (pins 1 and 3) and the V
DUT and GND (pins 6 and 8, respectively) to issue commands
to the TMP104.
Table 3. H1 Signal Definition for TMP104EVM
Pin on U1
Signal
Description
1
I2C_SCL
I2C clock signal (SCL)
2
CTRL/MEAS4
GPIO: control output or measure input
3
I2C_SDA1
I2C data signal (SDA)
4
CTRL/MEAS5
GPIO: control output or measure input
5
SPI_DOUT1
SPI data output (MOSI)
Switchable DUT power supply: +3.3 V, +5 V,
6
VDUT
Hi-Z (disconnected)(1)
7
SPI_CLK
SPI clock signal (SCLK)
8
GND
Power return (GND)
9
SPI_CS1
SPI chip-select signal (CS)
10
SPI_DIN1
SPI data input (MISO)
(1)
When V
DUT is Hi-Z, all digital I/O are Hi-Z as well.
4
TMP104EVM Evaluation Board and Software Tutorial
SBOU118
– October 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


同様の部品番号 - TMP104EVM

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP104 TI1-TMP104 Datasheet
665Kb / 24P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with SMAART Wire Interface
TMP104YFFR TI1-TMP104YFFR Datasheet
665Kb / 24P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with SMAART Wire Interface
TMP104YFFT TI1-TMP104YFFT Datasheet
665Kb / 24P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with SMAART Wire Interface
More results

同様の説明 - TMP104EVM

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP102EVM TI-TMP102EVM Datasheet
1Mb / 26P
[Old version datasheet]   TMP102EVM Evaluation Board and Software Tutorial
INA230EVM TI1-INA230EVM Datasheet
713Kb / 27P
[Old version datasheet]   INA230EVM Evaluation Board and Software Tutorial
logo
Cirrus Logic
CDB5534U CIRRUS-CDB5534U Datasheet
619Kb / 22P
   Evaluation Board and Software
CDB5530U CIRRUS-CDB5530U Datasheet
760Kb / 20P
   Evaluation Board and Software
CDB5471 CIRRUS-CDB5471 Datasheet
1Mb / 26P
   Evaluation Board and Software
CDB5461 CIRRUS-CDB5461 Datasheet
1Mb / 27P
   Evaluation Board and Software
CDB5451A CIRRUS-CDB5451A Datasheet
1Mb / 24P
   Evaluation Board and Software
CDB5521 CIRRUS-CDB5521 Datasheet
1Mb / 28P
   Evaluation Board and Software
CDB5460A CIRRUS-CDB5460A Datasheet
1Mb / 28P
   Evaluation Board and Software
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
   Evaluation Board and Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com