データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL8A0227M004C データシート(PDF) 1 Page - Vishay Siliconix

部品番号 TL8A0227M004C
部品情報  Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TL8A0227M004C データシート(HTML) 1 Page - Vishay Siliconix

  TL8A0227M004C Datasheet HTML 1Page - Vishay Siliconix TL8A0227M004C Datasheet HTML 2Page - Vishay Siliconix TL8A0227M004C Datasheet HTML 3Page - Vishay Siliconix TL8A0227M004C Datasheet HTML 4Page - Vishay Siliconix TL8A0227M004C Datasheet HTML 5Page - Vishay Siliconix TL8A0227M004C Datasheet HTML 6Page - Vishay Siliconix TL8A0227M004C Datasheet HTML 7Page - Vishay Siliconix TL8A0227M004C Datasheet HTML 8Page - Vishay Siliconix TL8A0227M004C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TL8
www.vishay.com
Vishay Sprague
Revision: 15-Jan-13
1
Document Number: 40156
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Chip Capacitors, MICROTAN®,
High CV Leadframeless Molded Low Profile
FEATURES
• Ultra-low profile: 0.8 mm to 1.0 mm in a variety
of case sizes
• Highest capacitance-voltage product in industry
• Lead
(Pb)-free
L-shaped
terminations
for
superior board mounting
• Material categorization:
For
definitions
of
compliance
please
see
www.vishay.com/doc?99912
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 125 °C
(above 85 °C, voltage derating is required)
Capacitance Tolerance: ± 10 % ± 20 %
Voltage Range: 4 VDC to 35 VDC
Capacitance Range: 3.3 μF to 220 μF
Note
• Preferred tolerance and reel sizes are in bold.
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Voltage substitutions will be marked with the higher voltage rating.
ORDERING INFORMATION
TL8
A0
227
M
004
C
TYPE
CASE CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
TERMINATION/
PACKAGING
See Ratings
and Case
Codes table.
This is expressed
in pF. The first two
digits are the
significant figures.
The third is the
number of zeros
to follow.
M = ± 20 %
K = ± 10 %
This is expressed in V.
To complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an “R”
(6R3 = 6.3 V).
C = 100 % tin
7" (178 mm) reel
DIMENSIONS in inches [millimeters]
CASE CODE
H (MAX.)
L
W
P1
P2 (REF.)
C
W0
0.039
[1.0]
0.079 ± 0.008
[2.00 ± 0.20]
0.050 ± 0.008
[1.25 ± 0.20]
0.020 ± 0.004
[0.50 ± 0.10]
0.040
[1.00]
0.035 ± 0.004
[0.90 ± 0.10]
W9
0.035
[0.9]
A0
0.039
[1.0]
0.126 ± 0.008
[3.20 ± 0.20]
0.063 ± 0.008
[1.60 ± 0.20]
0.031 ± 0.004
[0.80 ± 0.10]
0.063
[1.60]
0.047 ± 0.004
[1.20 ± 0.10]
B0
0.039
[1.0]
0.138 ± 0.008
[3.50 ± 0.20]
0.110 ± 0.008
[2.80 ± 0.20]
0.031 ± 0.004
[0.80 ± 0.20]
0.078
[1.95]
0.095 ± 0.004
[2.40 ± 0.10]
L
Anode Polarity Bar
Anode Termination
H
W
P1
C
P2
P1
Cathode Termination


同様の部品番号 - TL8A0227M004C

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
More results

同様の説明 - TL8A0227M004C

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
298D VISHAY-298D_17 Datasheet
419Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
Revision: 18-Jul-17
298D VISHAY-298D_V01 Datasheet
485Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN®, Leadframeless Molded
01-Jan-2022
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com