データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADUM5212 データシート(PDF) 1 Page - Analog Devices

部品番号 ADUM5212
部品情報  Evaluation Board User Guide
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADUM5212 データシート(HTML) 1 Page - Analog Devices

  ADUM5212 Datasheet HTML 1Page - Analog Devices ADUM5212 Datasheet HTML 2Page - Analog Devices ADUM5212 Datasheet HTML 3Page - Analog Devices ADUM5212 Datasheet HTML 4Page - Analog Devices ADUM5212 Datasheet HTML 5Page - Analog Devices ADUM5212 Datasheet HTML 6Page - Analog Devices ADUM5212 Datasheet HTML 7Page - Analog Devices ADUM5212 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluation Board User Guide
UG-486
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
i
Coupler EVAL-ADuM5211EBZ, 150 mW isoPower Evaluation Board
See the last page for an important warning and disclaimers.
Rev. 0 | Page 1 of 8
FEATURES
iso
Power integrated, isolated dc-to-dc converter
Regulated 3.15 V or 5.25 V output
Up to 150 mW output power
20-lead SSOP package with 5 mm creepage
High temperature operation: 105°C
High common-mode transient immunity: >25 kV/µs
SUPPORTED iCoupler® MODELS
ADuM5210
ADuM5211
ADuM5212
ADuM6210
ADuM6211
ADuM6212
GENERAL DESCRIPTION
The EVAL-ADuM5211EBZ supports the ADuM5210/
ADuM5211/ADuM5212 and ADuM6210/ADuM6211/
ADuM6212 150 mW isolated power modules. It provides
a JEDEC standard SSOP20 pad layout as well as support for
setting the desired output voltage, setting enable control and
providing multiple positions for on-board loads and bypass
capacitors.
iso
Power devices employ high frequency, high power switching
circuits to enable power transfer across chip scale, air core
transformers. The evaluation board includes EMI mitigation
recommendations from the AN-0971 Application Note. With
the included techniques, this PCB and power module is capable
of meeting the requirements of CISPER22 Class A or Class B
depending on the voltage and load range.
Complete specifications for the ADuM5210/ ADuM5211/
ADuM5212 and ADuM6210/ADuM6211/ADuM6212 are
provided in the ADuM5210/ADuM5211/ADuM5212 and
ADuM6210/ADuM6211/ADuM6212 data sheets, available
from Analog Devices, Inc., and should be consulted in conjunc-
tion with this user guide when using the evaluation board.
EVALUATION BOARD
Figure 1. EVAL-ADuM5211EBZ Evaluation Board


同様の部品番号 - ADUM5212

メーカー部品番号データシート部品情報
logo
Analog Devices
ADuM5212 AD-ADuM5212 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5212 AD-ADUM5212 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADuM5212ARSZ AD-ADuM5212ARSZ Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5212ARSZ AD-ADUM5212ARSZ Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADuM5212ARSZ-RL7 AD-ADuM5212ARSZ-RL7 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
More results

同様の説明 - ADUM5212

メーカー部品番号データシート部品情報
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
   Evaluation Board User Guide
REV. B
UG-272 AD-UG-272 Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
UG-317 AD-UG-317 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
logo
International Rectifier
IRDC3138EVAL IRF-IRDC3138EVAL Datasheet
541Kb / 6P
   EVALUATION BOARD USER GUIDE
IRDC3046 IRF-IRDC3046 Datasheet
164Kb / 7P
   IRU3046 EVALUATION BOARD USER GUIDE
IRDC3146EVAL IRF-IRDC3146EVAL Datasheet
1Mb / 15P
   IRU3146 EVALUATION BOARD USER GUIDE
logo
Intersil Corporation
ISL282X7SOICEVAL2Z INTERSIL-ISL282X7SOICEVAL2Z Datasheet
252Kb / 4P
   Evaluation Board User?셲 Guide
ISL281X7MSOPEVAL1Z INTERSIL-ISL281X7MSOPEVAL1Z Datasheet
254Kb / 4P
   Evaluation Board User?셲 Guide
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com