データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4148W-GS08 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 1N4148W-GS08
部品情報  Small Signal Fast Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4148W-GS08 データシート(HTML) 1 Page - Vishay Siliconix

  1N4148W-GS08 Datasheet HTML 1Page - Vishay Siliconix 1N4148W-GS08 Datasheet HTML 2Page - Vishay Siliconix 1N4148W-GS08 Datasheet HTML 3Page - Vishay Siliconix 1N4148W-GS08 Datasheet HTML 4Page - Vishay Siliconix 1N4148W-GS08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1N4148W-V
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 27-Jul-12
1
Document Number: 85748
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Fast Switching Diode
MECHANICAL DATA
Case: SOD-123
Weight: approx. 10.3 mg
Packaging codes/options:
GS18/10K per 13
" reel (8 mm tape), 10K/box
GS08/3K per 7
" reel (8 mm tape), 15K/box
FEATURES
• These diodes are also available in other case
styles including the DO-35 case with the type
designation 1N4148, the MiniMELF case with the
type designation LL4148, and the SOT-23 case
with the type designation IMBD4148-V.
• Silicon epitaxial planar diode
• Fast switching diodes
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Valid provided that electrodes are kept at ambient temperature.
PARTS TABLE
PART
ORDERING CODE
TYPE MARKING
INTERNAL CONSTRUCTION
REMARKS
1N4148W-V
1N4148W-V-GS18 or 1N4148W-V-GS08
A2
Single diode
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
75
V
Repetitive peak reverse voltage
VRRM
100
V
Average rectified current half wave
rectification with resistive load (1)
f
 50 Hz
IF(AV)
150
mA
Surge forward current
t < 1 s and Tj = 25 °C
IFSM
500
mA
Power dissipation (1)
Ptot
350
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
375
K/W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 to + 150
°C


同様の部品番号 - 1N4148W-GS08

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
1N4148W-G TSC-1N4148W-G Datasheet
191Kb / 3P
   High Speed SMD Switching Diode
1N4148W-G TSC-1N4148W-G Datasheet
191Kb / 4P
   High Speed SMD Switching Diode
logo
Vishay Siliconix
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4148W-G VISHAY-1N4148W-G Datasheet
99Kb / 5P
   Small Signal Fast Switching Diode
08-Feb-17
logo
Taiwan Semiconductor Co...
1N4148W-GRB TSC-1N4148W-GRB Datasheet
191Kb / 3P
   High Speed SMD Switching Diode
More results

同様の説明 - 1N4148W-GS08

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
1N4148WFL-G VISHAY-1N4148WFL-G Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0., 24-Oct-13
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4448WS VISHAY-1N4448WS Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
1N4148W VISHAY-1N4148W Datasheet
105Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 08-May-13
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
   Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
   Small Signal Fast Switching Diode
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com