データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST3243ECTR-E データシート(PDF) 8 Page - STMicroelectronics

部品番号 ST3243ECTR-E
部品情報  (,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243ECTR-E データシート(HTML) 8 Page - STMicroelectronics

Back Button ST3243ECTR-E Datasheet HTML 4Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 5Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 6Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 7Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 8Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 9Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 10Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 11Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Electrical characteristics
ST3243EB, ST3243EC
8/16
Doc ID 8648 Rev 12
C1 - C4 = 0.1 µF, VCC = 3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified.
Typical values are referred to TA = 25 °C, FORCEON = GND, FORCEOFF = VCC.
C1 - C4 = 0.1 µF, VCC = 3 V to 5.5 V, TA = -40 to 85 °C, unless otherwise specified.
Typical values are referred to TA = 25 °C.
Table 9.
Auto power-down electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VRITE
Receiver input threshold
to INVALID output voltage
HIGH (see Figure 3)
Positive threshold
2.7
V
Negative threshold
2.7
V
VRITD
Receiver input threshold
to INVALID output voltage
LOW (see Figure 3)
-0.3
0.3
V
VIOL
INVALID output voltage
LOW
IOUT = 1.6 mA
0.4
V
VIOH
INVALID output voltage
HIGH
IOUT = -1 mA
VCC-0.6
V
tWU
Receiver or transmitter
edge transmitter enabled
(see Figure 3)
100
µs
tINVH
Receiver positive or
negative threshold to
INVALID HIGH
(see Figure 3)
0.2
µs
tINVL
Receiver positive or
negative threshold to
INVALID LOW
(see Figure 3)
30
µs
Table 10.
Transmitter electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTOUT
Output voltage swing
All Transmitter outputs are loaded with
3k
Ω to GND
± 5
± 5.4
V
ROUT
Output resistance
VCC = V+ = V- = 0 V, VOUT = ± 2 V
300
10M
Ω
ISC
Output short circuit
current
VCC = 3.3 V
± 40
± 60
mA
IL
Output leakage current
VCC = 0 to 5.5V, transmitter output =
±12 V, transmitter disabled
± 25
µA
VOT
Transmitter output voltage
T1IN = T2IN = GND,T3IN = VCC
T3OUT loaded with 3 k
Ω to GND
T1OUT and T2OUT loaded with 2.5mA
each
± 5V


同様の部品番号 - ST3243ECTR-E

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST3243ECTR-E STMICROELECTRONICS-ST3243ECTR-E Datasheet
633Kb / 16P
   Guaranteed 6 V/ms slew rate range
October 2009 Rev 12
More results

同様の説明 - ST3243ECTR-E

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST3241EB STMICROELECTRONICS-ST3241EB_07 Datasheet
654Kb / 15P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
ST3241EB STMICROELECTRONICS-ST3241EB_10 Datasheet
274Kb / 13P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
ST3243B STMICROELECTRONICS-ST3243B_11 Datasheet
242Kb / 17P
   3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
ST3243B STMICROELECTRONICS-ST3243B_07 Datasheet
724Kb / 22P
   3 to 5.5 V, 400 Kbps, RS-232 transceiver with auto-power-down
ST3237EB STMICROELECTRONICS-ST3237EB_07 Datasheet
769Kb / 18P
   짹 15 kV ESD protected, 1 關A, 3 to 5.5 V, 250 kbps RS-232 transceiver with stand-by
ST3222EB STMICROELECTRONICS-ST3222EB Datasheet
679Kb / 15P
   /-15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
   /-15 kV ESD protected 5 V RS-232 transceiver
logo
Texas Instruments
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com