データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMBA0656 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FMBA0656
部品情報  NPN & PNP Complementary Dual Transistor SuperSOT- 6 Surface Mount Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMBA0656 データシート(HTML) 1 Page - Fairchild Semiconductor

  FMBA0656 Datasheet HTML 1Page - Fairchild Semiconductor FMBA0656 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FMBA0656
NPN & PNP Complementary Dual Transistor
SuperSOT- 6 Surface Mount Package
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
°C/W
180
Thermal Resistance, Junction to Ambient
RθJA
°C
150
Junction Temperature
TJ
°C
-55 to +150
Storage Temperature Range
TSTG
W
0.7
Power Dissipation @Ta = 25°C*
PD
mA
500
Collector Current (continuous)
IC
V
4
Emitter-Base Voltage
VEBO
V
80
Collector-Base Voltage
VCBO
V
80
Collector-Emitter Voltage
VCEO
Units
Value
Parameter
Symbol
*Pd total, for both transistors. For each transistor, Pd = 350mW.
Electrical Characteristics
TA = 25°C unless otherwise noted
V
4
Ie = 100 uA
Emitter to Base Voltage
BVEBO
V
80
Ic = 100 uA
Collector to Base Voltage
BVCBO
V
80
Ic = 1.0 mA
Collector to Emitter Voltage
BVCEO
Units
Max
Min
Test Conditions
Parameter
Symbol
© 1997 Fairchild Semiconductor Corporation
Page 1 of 2
fmba0656.lwpPr33&73(Y3)
Package: SuperSOT-6
Device Marking: .003
Note: The "
. " (dot) signifies Pin 1
Transistor 1 is NPN device,
transistor 2 is PNP device.
This device was designed for general purpose amplifier applications at collector currents to 300mA.
Sourced from Process 33 (NPN) and Process 73 (PNP).
Discrete Power
&
Signal Technologies
C2
E1
C1
B2
E2
B1


同様の部品番号 - FMBA0656

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FMBA06 FAIRCHILD-FMBA06 Datasheet
53Kb / 4P
   NPN Multi-Chip General Purpose Amplifier
logo
ON Semiconductor
FMBA06 ONSEMI-FMBA06 Datasheet
161Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
1998
More results

同様の説明 - FMBA0656

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FMB2227A FAIRCHILD-FMB2227A Datasheet
28Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
FMB1020 FAIRCHILD-FMB1020 Datasheet
29Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
FMB3946 FAIRCHILD-FMB3946 Datasheet
30Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
FMB5551 FAIRCHILD-FMB5551_04 Datasheet
72Kb / 3P
   NPN General Purpose Amplifier SuperSOT-6 Surface Mount Package
FMB5551 FAIRCHILD-FMB5551 Datasheet
29Kb / 2P
   NPN General Purpose Amplifier SuperSOT-6 Surface Mount Package
logo
Diodes Incorporated
DC0150ADJ DIODES-DC0150ADJ Datasheet
266Kb / 6P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
May 2021
DST3946DPJ DIODES-DST3946DPJ Datasheet
200Kb / 9P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
DS32040 Rev. 1 - 2
DC0150ADJ DIODES-DC0150ADJ_15 Datasheet
114Kb / 6P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
DST3946DPJ DIODES-DST3946DPJ_15 Datasheet
201Kb / 9P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
logo
TT Electronics.
2N4854U TTELEC-2N4854U Datasheet
498Kb / 4P
   Surface Mount NPN/ PNP Complementary Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com