データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD2931-10 データシート(PDF) 11 Page - STMicroelectronics

部品番号 SD2931-10
部品情報  RF power transistor: HF/VHF/UHF N-channel power MOSFETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931-10 データシート(HTML) 11 Page - STMicroelectronics

Back Button SD2931-10 Datasheet HTML 7Page - STMicroelectronics SD2931-10 Datasheet HTML 8Page - STMicroelectronics SD2931-10 Datasheet HTML 9Page - STMicroelectronics SD2931-10 Datasheet HTML 10Page - STMicroelectronics SD2931-10 Datasheet HTML 11Page - STMicroelectronics SD2931-10 Datasheet HTML 12Page - STMicroelectronics SD2931-10 Datasheet HTML 13Page - STMicroelectronics SD2931-10 Datasheet HTML 14Page - STMicroelectronics SD2931-10 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SD2931-10
Test circuit
Doc ID 7076 Rev 9
11/19
7
Test circuit
Figure 16.
175 MHz schematic (production test circuit)
Note: All dimensions in inches
REF. 1021579C
Table 8.
Component part list
Component
Description
T1
4:1 transformer, 25 ohm flexible coax .090 OD 6” long
T2
1:4 transformer, 25 ohm semi-rigid coax .141 OD 6” long
FB1
Toroid X 2, 0.5” OD .312” ID 850
μ 2 turns
FB2, FB3
VK200
FB4
Shield bead, 1” OD 0.5” ID 850
μ 3 turns
L1
1/4 wave choke, 50 ohm semi-rigid coax .141 OD 12” Long
PCB
0.62” woven fiberglass, 1 oz. copper, 2 sides,
εr = 2.55
R1, R3
470 ohm 1 W chip resistor
R2
360 ohm 1/2 W resistor
R4
20 Kohm 10 turn potentiometer
R5
560 ohm 1 W resistor
C1, C11
470 pF ATC chip cap
C2
43 pF ATC chip cap
C3, C8, C9
Arco 404, 12-65 pF
C4
Arco 423, 16-100 pF


同様の部品番号 - SD2931-10

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
logo
List of Unclassifed Man...
SD2931-10 ETC1-SD2931-10 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
More results

同様の説明 - SD2931-10

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SD2943 STMICROELECTRONICS-SD2943 Datasheet
184Kb / 14P
   RF Power Transistor HF/VHF/UHF N - Channel MOSFETs
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
   HF/VHF/UHF RF power N-channel MOSFETs
January 2014 Rev 7
logo
New Jersey Semi-Conduct...
SD2933 NJSEMI-SD2933 Datasheet
90Kb / 3P
   HF/VHF/UHF RF power N-channel MOSFETs
logo
STMicroelectronics
SD2943W STMICROELECTRONICS-SD2943W Datasheet
522Kb / 15P
   HF/VHF/UHF RF power N-channel MOSFETs
STAC2932BW STMICROELECTRONICS-STAC2932BW Datasheet
406Kb / 14P
   HF/VHF/UHF RF power N-channel MOSFETs
SD2941-10W STMICROELECTRONICS-SD2941-10W Datasheet
450Kb / 17P
   HF/VHF/UHF RF power N-channel MOSFETs
August 2014 Rev 5
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com