データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM6T12CA データシート(PDF) 2 Page - STMicroelectronics

部品番号 SM6T12CA
部品情報  Transil
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T12CA データシート(HTML) 2 Page - STMicroelectronics

  SM6T12CA Datasheet HTML 1Page - STMicroelectronics SM6T12CA Datasheet HTML 2Page - STMicroelectronics SM6T12CA Datasheet HTML 3Page - STMicroelectronics SM6T12CA Datasheet HTML 4Page - STMicroelectronics SM6T12CA Datasheet HTML 5Page - STMicroelectronics SM6T12CA Datasheet HTML 6Page - STMicroelectronics SM6T12CA Datasheet HTML 7Page - STMicroelectronics SM6T12CA Datasheet HTML 8Page - STMicroelectronics SM6T12CA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
SM6T
2/10
Doc ID 3082 Rev 9
1
Characteristics
Figure 1.
Electrical characteristics - definitions
Figure 2.
Pulse definition for electrical characteristics
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation(1)
Tj initial = Tamb
600
W
Tstg
Storage temperature range
-65 to 150
°C
Tj
Operating junction temperature range
-55 to 150
TL
Maximum lead temperature for soldering during 10 s.
260
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
20
°C/W
Rth(j-a)
Junction to ambient on printed circuit on recommended pad layout
100
°C/W
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
RM
I
R
I
PP
V
RMVBR VCL
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
RM
I
R
I
PP
V
RMVBR VCL
V
CL VBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
V
CL VBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
Unidirectional
Bidirectional
Symbol Parameter
V
Stand-off voltage
V
Breakdown voltage
V
Clamping voltage
I
Leakage current @ V
I
Peak pulse current
T
Voltage temperature coefficient
V
Forward voltage drop
R
Dynamic resistance
RM
BR
CL
RM
RM
PP
F
D
α
Repetitive pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
tr
tp


同様の部品番号 - SM6T12CA

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SM6T12CA STMICROELECTRONICS-SM6T12CA Datasheet
186Kb / 5P
   TRANSILTM
logo
MDE Semiconductor, Inc.
SM6T12CA MDE-SM6T12CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SM6T12CA LUGUANG-SM6T12CA Datasheet
2Mb / 5P
   600Watts Surface Mount TVS
logo
SUNMATE electronic Co.,...
SM6T12CA SUNMATE-SM6T12CA Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM6T12CA-E351 VISHAY-SM6T12CA-E351 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
More results

同様の説明 - SM6T12CA

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com