データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA10324AFV-E2 データシート(PDF) 1 Page - Rohm

部品番号 BA10324AFV-E2
部品情報  Ground Sense Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA10324AFV-E2 データシート(HTML) 1 Page - Rohm

  BA10324AFV-E2 Datasheet HTML 1Page - Rohm BA10324AFV-E2 Datasheet HTML 2Page - Rohm BA10324AFV-E2 Datasheet HTML 3Page - Rohm BA10324AFV-E2 Datasheet HTML 4Page - Rohm BA10324AFV-E2 Datasheet HTML 5Page - Rohm BA10324AFV-E2 Datasheet HTML 6Page - Rohm BA10324AFV-E2 Datasheet HTML 7Page - Rohm BA10324AFV-E2 Datasheet HTML 8Page - Rohm BA10324AFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Operational Amplifiers / Comparators
Ground Sense
Operational Amplifiers
BA10358F/FV,BA10324AF/FV,BA2904S F/FV/FVM,BA2904F/FV/FVM
BA2902SF/FV/KN,BA2902F/FV/KN,BA3404F/FVM
●Description
General-purpose BA10358/BA10324A family and high-reliability BA2904 /BA2902 family integrate two or four independent
Op-Amps and phase compensation capacitors on a single chip and have some features of high-gain, low power
consumption, and operating voltage range of 3[V] to 32[V] (single power supply ). BA3404 family is realized high speed
operation and reduces the crossover distortions that compare with BA10358 family.
●Characteristics
1) Operable with a single power supply
2) Wide operating supply voltage
+3.0[V]~+32.0[V]( single supply) (BA10358/BA10324A/BA2904/BA2902 family)
+4.0[V]~+36.0[V]( single supply) (BA3404 family)
3) Standard Op-Amp Pin-assignments
4) Input and output are operable GND sense
5) Internal phase compensation type
6) Low supply current
7) High open loop voltage gain
8) Internal ESD protection
Human body model (HBM) ±5000[V](Typ.)(BA2904/BA2902/BA3404 family)
9) Gold PAD (BA2904/BA2902/BA3404 family)
10) Wide temperature range
-40[℃]~+85[℃] (BA10358/BA10324/BA3404 family)
-40[℃]~+105[℃] (BA2904S/BA2902S family)
-40[℃]~+125[℃] (BA2904/BA2902 family)
●Pin Assignment
SOP8
1
2
3
4
12
11
10
9
+IN1
VCC
NC
+IN2
-IN2
OUT2 OUT3 -IN3
-IN1
OUT1 OUT4 -IN4
+IN4
VEE
NC
+IN3
CH1
-
+
CH4
-
+
CH2
CH3
16
15
14
13
5
6
7
8
SSOP-B8
MSOP8
SOP14
SSOP-B14
VQFN16
1
2
3
4
8
7
5
OUT1
-IN1
+IN1
VEE
VCC
OUT2
-IN2
+IN2
CH1
- +
CH2
+ -
6
OUT1
-IN1
+IN1
-IN2
CH1
-+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
+IN2
OUT2
OUT4
-IN4
+IN4
-IN3
VEE
+IN3
OUT3
CH4
+
-
CH2
-+
CH3
+
-
BA10358F
BA2904SF
BA2904F
BA3404F
BA10358FV
BA2904SFV
BA2904FV
BA2904SFVM
BA2904FVM
BA3404FVM
BA10324AF
BA2902SF
BA2902F
BA2902SKN
BA2902KN
BA10324AFV
BA2902SFV
BA2902FV
No.11049EBT15
BA2902S F/FV/KN:105℃ guaranteed
Quad
Dual
BA2904S F/FV/FVM:105℃ guaranteed
BA2902F/FV/KN:125℃ guaranteed
High-reliability
BA2904F/FV/FVM:125℃ guaranteed
Quad
BA10324A F/FV
General purpose
Dual
BA10358F/FV
Dual
BA3404F/FVM


同様の部品番号 - BA10324AFV-E2

メーカー部品番号データシート部品情報
logo
Rohm
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
More results

同様の説明 - BA10324AFV-E2

メーカー部品番号データシート部品情報
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com