データシートサーチシステム |
|
DLW5BSM351SQ2K データシート(PDF) 2 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BSM351SQ2K データシート(HTML) 2 Page - Murata Manufacturing Co., Ltd. |
2 / 2 page 2 Data Sheet !Note: 1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. http://www.murata.com/ 2 Noise Suppression Products/EMI Suppression Filters > Common Mode Choke Coil > Wire Wound Type for Large Current 2012.7.5 oThis data sheet is applied for CHIP COMMON MODE CHOKE COIL used for General Electronics equipment for your design. Continued from the preceding page. c Derating of Rated Current Derating of Rated Current In operating temperature exceeding +75°C, derating of current is necessary for DLW5BSM191SQ2 series. Please apply the derating curve shown in chart according to the operating temperature. Operating Temperature (°C) 4.5 4.75 5 0 1020304050607080 75°C 85°C 90 100 DLW5BSM191SQ2 c !Caution/Notice !Caution (Rating) Do not use products beyond the rated current and rated voltage as this may create excessive heat and deteriorate the insulation resistance. Notice Solderability of Tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the Tin melting point is used. Please confirm the solderability of Tin plating termination chip before use. |
同様の部品番号 - DLW5BSM351SQ2K |
|
同様の説明 - DLW5BSM351SQ2K |