データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM78M00 データシート(PDF) 1 Page - First Components International

部品番号 LM78M00
部品情報  LM78M00Series-Terminal Low Current Positive Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FCI [First Components International]
ホームページ  http://www.cotra.com.tw/
Logo FCI - First Components International

LM78M00 データシート(HTML) 1 Page - First Components International

  LM78M00 Datasheet HTML 1Page - First Components International LM78M00 Datasheet HTML 2Page - First Components International LM78M00 Datasheet HTML 3Page - First Components International LM78M00 Datasheet HTML 4Page - First Components International LM78M00 Datasheet HTML 5Page - First Components International LM78M00 Datasheet HTML 6Page - First Components International LM78M00 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM78M00Series-Terminal Low Current
Positive Voltage Regulators
P1
This series of fixed-voltage monolithic
integrated-circuit voltage regulators designed for a
wide range of applications. These applications include
on-card regulation for elimination of noise and
distribution problems associated with single-point
regulation. Each of these regulators can deliver up
to 500 mA of output current. The internal current
limiting and tamale shutdown features of these
regulators make them essentially immune to overload.
Terminal Regulators.
Output Current Up to 500mA.
No External Components.
Internal Thermal Overload Protection.
High Power Dissipation Capability.
Internal Short-Circuit Current Limiting.
Output Transistor Safe-Area Compensation.
Standard Application
A common ground is required between the input
and the output voltages. The input voltage must
remain typicaly 2.0V above the output voltage even
during the low point on the input ripple voltage.
*C
is required if regulator is located in
in
appreciable distance from power supply filter.
**C
is not needed for stability; however, it does
O
improve transient response.
T SUFFIX
TO-220
2
DPAK
D2T SUFFIX
DT SUFFIX
(DPAK)
DT-1 SUFFIX
(DPAK)
LM78MXX
Input
Pin1.Input
2.Ground
3.Output
Output
C*
in
C**
O
0.33
F
1
1
1
1
2
2
2
2
3
3
3
3
Representative Schematic Diagram
C O M M O N
I N P U T
O U T P U T
5 . 4 k
0 t o 2 0 k
0 . 6
9 6
1 4 0 k


同様の部品番号 - LM78M00

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
LM78M05 FAIRCHILD-LM78M05 Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Guangdong Kexin Industr...
LM78M05 KEXIN-LM78M05 Datasheet
54Kb / 2P
   Three-Terminal Positive Voltage Regulator
logo
Fairchild Semiconductor
LM78M05 FAIRCHILD-LM78M05 Datasheet
297Kb / 9P
   3-Terminal 0.5 A Positive Voltage Regulator
logo
Texas Instruments
LM78M05 TI1-LM78M05 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
LM78M05 TI1-LM78M05 Datasheet
648Kb / 19P
[Old version datasheet]   Series 3-Terminal 500-mA Positive Voltage Regulator
More results

同様の説明 - LM78M00

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
First Components Intern...
LM78L00 FCI-LM78L00 Datasheet
386Kb / 6P
   3-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
PJ78L00 ETC1-PJ78L00 Datasheet
286Kb / 8P
   3-Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Motorola, Inc
MC78L00 MOTOROLA-MC78L00 Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com