データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC6273DWG4 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPIC6273DWG4
部品情報  POWER LOGIC OCTAL D-TYPE LATCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6273DWG4 データシート(HTML) 5 Page - Texas Instruments

  TPIC6273DWG4 Datasheet HTML 1Page - Texas Instruments TPIC6273DWG4 Datasheet HTML 2Page - Texas Instruments TPIC6273DWG4 Datasheet HTML 3Page - Texas Instruments TPIC6273DWG4 Datasheet HTML 4Page - Texas Instruments TPIC6273DWG4 Datasheet HTML 5Page - Texas Instruments TPIC6273DWG4 Datasheet HTML 6Page - Texas Instruments TPIC6273DWG4 Datasheet HTML 7Page - Texas Instruments TPIC6273DWG4 Datasheet HTML 8Page - Texas Instruments TPIC6273DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TPIC6273
POWER LOGIC OCTAL D-TYPE LATCH
SLIS011A – APRIL 1992 – REVISED OCTOBER 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
5 V
24 V
VCC
DRAIN
GND
CLR
RL = 95 Ω
VOLTAGE WAVEFORMS
Output
D
Word
Generator
(see Note A)
CLK
CLR
Output
D
CLK
DUT
CL = 30 pF
(see Note B)
0 V
5 V
0 V
5 V
0 V
5 V
0.5 V
24 V
11
1
10
20
4 –7,
14 –17
ID
Figure 1. Resistive Load Normal Operation
5 V
DUT
VCC
CLR
DRAIN
GND
D
95
TEST CIRCUIT
SWITCHING TIMES
D
CLK
Word
Generator
(see Note A)
CLK
5 V
0 V
5 V
0 V
50%
Output
24 V
0.5 V
90%
10%
tPLH
tr
50%
90%
10%
tPHL
tf
CLK
5 V
0 V
50%
D
5 V
0 V
50%
50%
tsu
th
tw
INPUT SETUP AND HOLD WAVEFORMS
CL = 30 pF
(see Note B)
Output
Word
Generator
(see Note A)
20
10
1
11
24 V
4 –7,
14 –17
ID
Figure 2. Test Circuit, Switching Times, and Voltage Waveforms
NOTES: A. The word generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, tw = 300 ns, pulsed repetition rate (PRR) = 5 KHz,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.


同様の部品番号 - TPIC6273DWG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC6273DW TI-TPIC6273DW Datasheet
143Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DWRG4 TI-TPIC6273DWRG4 Datasheet
868Kb / 15P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
More results

同様の説明 - TPIC6273DWG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC6273 TI-TPIC6273 Datasheet
143Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6B273 TI-TPIC6B273 Datasheet
130Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DWRG4 TI-TPIC6273DWRG4 Datasheet
868Kb / 15P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
logo
Unisonic Technologies
U74HC373 UTC-U74HC373 Datasheet
214Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
logo
Texas Instruments
SN74LVC573A-Q1 TI-SN74LVC573A-Q1 Datasheet
202Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH
logo
Unisonic Technologies
U74HC373 UTC-U74HC373_15 Datasheet
269Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com